Moteur de recherche de fiches techniques de composants électroniques |
|
ST8812FP Fiches technique(PDF) 1 Page - STMicroelectronics |
|
ST8812FP Fiches technique(HTML) 1 Page - STMicroelectronics |
1 / 10 page November 2005 1/10 10 ST8812FP HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR Features ■ HIGH VOLTAGE CAPABILITY ■ VERY HIGH SWITCHING SPEED ■ TIGHT hfe CONTROL ■ LARGE R.B.S.O.A. ■ FULLY INSULATED PACKAGE U.L. COMPLIANT FOR EASY MOUNTING Applications ■ SWITCH MODE POWER SUPPLIES FOR CRT TV Description The ST8812FP is manufactured using latest Multi Epitaxial Planar technology with high voltage capability. It shows wide R.B.S.O.A. and high switching speed thanks to its Cellular Emitter structure with planar edge termination and deep base diffusion. Internal Schematic Diagram TO-220FP www.st.com Order codes Part Number Marking Package Packing ST8812FP ST8812FP TO-220FP TUBE rev.1 |
Numéro de pièce similaire - ST8812FP |
|
Description similaire - ST8812FP |