Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK455 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BUK455
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK455 Fiches technique(HTML) 5 Page - NXP Semiconductors

  BUK455 Datasheet HTML 1Page - NXP Semiconductors BUK455 Datasheet HTML 2Page - NXP Semiconductors BUK455 Datasheet HTML 3Page - NXP Semiconductors BUK455 Datasheet HTML 4Page - NXP Semiconductors BUK455 Datasheet HTML 5Page - NXP Semiconductors BUK455 Datasheet HTML 6Page - NXP Semiconductors BUK455 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK455-200A/B
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); conditions: ID = 14 A; parameter VDS
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.15. Normalised avalanche energy rating.
W
DSS% = f(Tmb); conditions: ID = 14 A
Fig.16. Avalanche energy test circuit.
0
10
20
30
QG / nC
VGS / V
12
10
8
6
4
1
0
VDS / V =40
160
BUK455-200
20
40
60
80
100
120
140
160
180
Tmb / C
120
110
100
90
80
70
60
50
40
30
20
10
0
WDSS%
0
1
2
BUK455-200A
VSDS / V
IF / A
30
20
10
0
Tj / C = 150
25
L
T.U.T.
VDD
RGS
R 01
VDS
-ID/100
+
-
shunt
VGS
0
W
DSS = 0.5 ⋅ LID
2
⋅ BV
DSS/(BVDSS − VDD)
August 1996
5
Rev 1.100


Numéro de pièce similaire - BUK455

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK455-100A PHILIPS-BUK455-100A Datasheet
69Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
logo
Inchange Semiconductor ...
BUK455-100A ISC-BUK455-100A Datasheet
67Kb / 2P
   High speed switching
logo
NXP Semiconductors
BUK455-100B PHILIPS-BUK455-100B Datasheet
69Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
logo
Inchange Semiconductor ...
BUK455-100B ISC-BUK455-100B Datasheet
67Kb / 2P
   High speed switching
BUK455-200A ISC-BUK455-200A Datasheet
67Kb / 2P
   High speed switching
More results

Description similaire - BUK455

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK436W-200A PHILIPS-BUK436W-200A Datasheet
71Kb / 7P
   PowerMOS transistor
July 1997 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com