Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2012D2YZHT Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA2012D2YZHT
Description  2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA2012D2YZHT Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPA2012D2YZHT Datasheet HTML 7Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 8Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 9Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 10Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 11Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 12Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 13Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 14Page - Texas Instruments TPA2012D2YZHT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
APPLICATION INFORMATION
AVDD
PVDD*
Shutdown
Control
0.1 mF
SDR
SDL
PGND
AGND
INR+
INR−
INL+
INL−
OUTR+
OUTR−
OUTL+
OUTL−
1 nF
0.1 mF
DAC
G0
G1
1 mF
0.1 mF
4.7 mF
* For QFN, an additional capacitor is recomended for the second PVDD pin.
To Battery
1 nF
1 nF
1 nF
0.1 mF
0.1 mF
to Battery
VDD
OUTR+
GND
INR+
300 k
C S
300 k
G0
OUTR−
OUTL+
OUTL−
G1
INR−
INL+
INL−
Gain
Adjust
PWM
Gain
Adjust
PWM
H −
Bridge
H −
Bridge
Internal
Oscillator
Bias
Circuitry
Short−Circuit
Protection
Right
Single−Ended
Input
CI
CI
SDR
SDL
CI
CI
Left
Single−Ended
Input
to Battery
VDD
OUTR+
GND
INR+
300 k
C S
300 k
G0
OUTR−
OUTL+
OUTL−
G1
INR−
INL+
INL−
Gain
Adjust
PWM
Gain
Adjust
PWM
H −
Bridge
H −
Bridge
Internal
Oscillator
Bias
Circuitry
Short−Circuit
Protection
Right
Differential
Input
CI
CI
Left
Differential
Input
CI
CI
SDR
SDL
TPA2012D2
SLOS438C – DECEMBER 2004 – REVISED MARCH 2007
Figure 33. Typical Application Circuit
Figure 35. TPA2012D2 Application Schematic
Figure 34. TPA2012D2 Application Schematic
With Single-Ended Input
With Differential Input and Input Capacitors
11
Submit Documentation Feedback


Numéro de pièce similaire - TPA2012D2YZHT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2012D2YZHT TI1-TPA2012D2YZHT Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
More results

Description similaire - TPA2012D2YZHT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2012D2 TI-TPA2012D2_15 Datasheet
1Mb / 23P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI-TPA2012D2 Datasheet
431Kb / 15P
[Old version datasheet]   2.1 W/CH STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2012D2 TI1-TPA2012D2_17 Datasheet
1Mb / 33P
[Old version datasheet]   2.1-W/Channel Stereo Filter-Free Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA205DS ETC-TMPA205DS Datasheet
119Kb / 6P
   2.45-W/Ch STEREO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Shenzhen Huazhimei Semi...
HM2012 HMSEMI-HM2012 Datasheet
548Kb / 7P
   2.1W/ch Stereo Filter-free Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670 PHILIPS-SA58670 Datasheet
338Kb / 18P
   2.1 W/channel stereo Class D audio amplifier
Rev. 01-22 June 2007
SA58670 NXP-SA58670 Datasheet
165Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 01-4 January 2008
SA58670 NXP-SA58670_08 Datasheet
167Kb / 25P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
logo
Texas Instruments
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
logo
NXP Semiconductors
SA58670A NXP-SA58670A Datasheet
169Kb / 24P
   2.1 W/channel stereo class-D audio amplifier
Rev. 02-23 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com