Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS34C02_0511 Fiches technique(PDF) 15 Page - Integrated Silicon Solution, Inc

No de pièce IS34C02_0511
Description  2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS34C02_0511 Fiches technique(HTML) 15 Page - Integrated Silicon Solution, Inc

Back Button IS34C02_0511 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS34C02_0511 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS34C02_0511 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS34C02_0511 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS34C02_0511 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS34C02_0511 Datasheet HTML 15Page - Integrated Silicon Solution, Inc IS34C02_0511 Datasheet HTML 16Page - Integrated Silicon Solution, Inc IS34C02_0511 Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS34C02_0511 Datasheet HTML 18Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
15
PRELIMINARY INFORMATION
Rev. 00F
11/14/05
IS34C02
ISSI®
ORDERING INFORMATION
Industrial Range: -40°C to +85°C, Lead-free
Voltage
Range
Part Number
Package
1.8V
IS34C02-2GLI
Small Outline (JEDEC STD) (8-pin)
to 5.5V
IS34C02-2SLI
MSOP
IS34C02-2ZLI
TSSOP
Industrial Range: –40°C to +85°C
Voltage
Range
Part Number
Package
1.8V
IS34C02-2GI
Small Outline (JEDEC STD) (8-pin)
to 5.5V
IS34C02-2SI
MSOP
IS34C02-2ZI
TSSOP


Numéro de pièce similaire - IS34C02_0511

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Silicon Solu...
IS34C02-2GI ISSI-IS34C02-2GI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2GLI ISSI-IS34C02-2GLI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2SI ISSI-IS34C02-2SI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2SLI ISSI-IS34C02-2SLI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02-2ZI ISSI-IS34C02-2ZI Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
More results

Description similaire - IS34C02_0511

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Silicon Solu...
IS24C52 ISSI-IS24C52 Datasheet
68Kb / 14P
   2k-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02 ISSI-IS34C02 Datasheet
72Kb / 15P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent Write-Protection
IS34C02B ISSI-IS34C02B Datasheet
130Kb / 18P
   2K-bit 2-WIRE SERIAL CMOS EEPROM with Permanent and Reversible Write-Protection
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
Integrated Silicon Solu...
IS24C02D ISSI-IS24C02D Datasheet
487Kb / 18P
   2K-bit 2-WIRE AUTOMOTIVE SERIAL CMOS EEPROM
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC02 HOLTEK-HT24LC02_14 Datasheet
2Mb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02 HOLTEK-HT24LC02 Datasheet
123Kb / 12P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A Datasheet
123Kb / 11P
   CMOS 2K 2-Wire Serial EEPROM
HT24LC02A HOLTEK-HT24LC02A_14 Datasheet
1Mb / 10P
   CMOS 2K 2-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com