Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA2001D1PW Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA2001D1PW
Description  1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA2001D1PW Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPA2001D1PW Datasheet HTML 7Page - Texas Instruments TPA2001D1PW Datasheet HTML 8Page - Texas Instruments TPA2001D1PW Datasheet HTML 9Page - Texas Instruments TPA2001D1PW Datasheet HTML 10Page - Texas Instruments TPA2001D1PW Datasheet HTML 11Page - Texas Instruments TPA2001D1PW Datasheet HTML 12Page - Texas Instruments TPA2001D1PW Datasheet HTML 13Page - Texas Instruments TPA2001D1PW Datasheet HTML 14Page - Texas Instruments TPA2001D1PW Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TPA2001D1
1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
SLOS338D – SEPTEMBER 2000 – REVISED DECEMBER 2002
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
Table 2. TPA2001D1 Evaluation Bill of Materials
REFERENCE
DESCRIPTION
SIZE
QUANTITY
MANUFACTURER
PART NUMBER
C1
Capacitor, ceramic, 220 pF,
±10%, XICON, 50 V
0805
1
Mouser
140-CC501B221K
C2 – C7
Capacitor, ceramic, 1
µF, +80%/–20%, Y5V, 16 V
0805
6
Murata
GRM40-Y5V105Z16
C8
Capacitor, ceramic, 10
µF, +80%/–20%, Y5V, 16 V
1210
1
Murata
GRM235-Y5V106Z16
R1, R2†,
R3†, R4†
Resistor, chip, 120 k
Ω, 1/10 W, 5%, XICON
0805
4
Mouser
260–120K
U1
IC, TPA2001D1, audio power amplifier, 1-W, single
channel, class-D
24 pin
TSSOP
1
TI
TPA2001D1PW
† These components are used in the EVM, but they are not required for normal applications.


Numéro de pièce similaire - TPA2001D1PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2001D1PW TI-TPA2001D1PW Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Description similaire - TPA2001D1PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
313Kb / 19P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com