Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MKP3382X2 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce MKP3382X2
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP3382X2 Fiches technique(HTML) 1 Page - Vishay Siliconix

  MKP3382X2 Datasheet HTML 1Page - Vishay Siliconix MKP3382X2 Datasheet HTML 2Page - Vishay Siliconix MKP3382X2 Datasheet HTML 3Page - Vishay Siliconix MKP3382X2 Datasheet HTML 4Page - Vishay Siliconix MKP3382X2 Datasheet HTML 5Page - Vishay Siliconix MKP3382X2 Datasheet HTML 6Page - Vishay Siliconix MKP3382X2 Datasheet HTML 7Page - Vishay Siliconix MKP3382X2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 28119
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
145
Interference Suppression Film Capacitors
MKP Radial Potted Type
MKP 338 2 X2
Vishay BCcomponents
APPLICATIONS
X2 class
For X2 electromagnetic interference suppression in across
the line applications (50/60 Hz) with a maximum mains
voltage of 275 Vac.
These capacitors are not intended for continuous pulse
applications. For these situations, capacitors of the AC and
Pulse program must be used.
REFERENCE STANDARDS
“IEC 60384-14 2nd edition and EN 132400”
“IEC 60065, pass. flamm. class B”
250 V: CSA-C22.2 No 1; UL1414
275 V: CSA-C22.2 No 8; CCEE; ENEC; CQC
305 V: UL1283
MARKING
C-value; tolerance; rated voltage; sub-class; manufacturer’s
type designation; code for dielectric material, only for pitch
15mm; manufacturer location; manufacturer’s emblem; year
and week
DIELECTRIC
Polypropylene film
ELECTRODES
Metallized film
CONSTRUCTION
Mono construction
FEATURES
7.5 to 27.5 mm lead pitch. Supplied loose
in box, taped on ammopack or reel
Lead (Pb)-free product
RoHS-compliant product
RATED VOLTAGE
AC 275 V; 50 to 60 Hz
PERMISSIBLE DC VOLTAGE
DC 630 V
ENCAPSULATION
Plastic case, epoxy resin sealed, flame retardant UL-class
94 V-0
CLIMATIC TESTING CLASS ACC. TO EN 60068-1
55/105/56/B
CAPACITANCE RANGE (E12 SERIES)
E12 series 0.001 to 3.3 µF
Preferred values acc. to E6
CAPACITANCE TOLERANCE
± 20 %; ± 10 %; ± 5 %
LEADS
Tinned wire
RATED TEMPERATURE
105
°C
MAXIMUM APPLICATION TEMPERATURE
105
°C
DETAIL SPECIFICATION
For more detailed data and test requirements contact:
filmcaps.roeselare@vishay.com
Dimensions in mm
(1)
⎪F − F’⎪< 0.3 mm
F
= 7.5 + 0.6/− 0.1 mm
168x12(halfpage)
w
Ødt
l
P
h
l
h h'
w
Ødt
H
F
10
F'
(1)
15
lt
e3
RoHS
COMPLIANT


Numéro de pièce similaire - MKP3382X2

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MKP3382X2 VISHAY-MKP3382X2 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
174Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
MKP3382X2 VISHAY-MKP3382X2_08 Datasheet
234Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Nov-08
MKP3382X2 VISHAY-MKP3382X2_09 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Description similaire - MKP3382X2

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com