Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MKP3382X2 Fiches technique(PDF) 5 Page - Vishay Siliconix

No de pièce MKP3382X2
Description  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP3382X2 Fiches technique(HTML) 5 Page - Vishay Siliconix

  MKP3382X2 Datasheet HTML 1Page - Vishay Siliconix MKP3382X2 Datasheet HTML 2Page - Vishay Siliconix MKP3382X2 Datasheet HTML 3Page - Vishay Siliconix MKP3382X2 Datasheet HTML 4Page - Vishay Siliconix MKP3382X2 Datasheet HTML 5Page - Vishay Siliconix MKP3382X2 Datasheet HTML 6Page - Vishay Siliconix MKP3382X2 Datasheet HTML 7Page - Vishay Siliconix MKP3382X2 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 28119
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
149
MKP 338 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
URac = 275 V; C-tol =± 10 %
C
(µF)
DIMENSIONS(1)
w
× H(h’) × L
(mm)
MASS
(g)
CATALOG NUMBER 2222 338 ..... AND PACKAGING
LOOSE IN BOX
TAPED
Short leads
long leads
lt
=
3.5
+ 1/− 0.5 mm(2)
lt
=
5.0
± 1.0 mm
SPQ
lt
=
25.0
± 2.0 mm
SPQ
SPQ
Pitch
= 7.5 ± 0.4 mm; d
t = 0.50 ± 0.05 mm
ammopack:
H
= 18.5 mm; P
0 = 12.7 mm
0.001
4.0
× 9.0 × 10.0
0.5
28101
28301
1500
28501
1000
28701
1250
0.0015
28103
28303
28503
28703
0.0022
28105
28305
28505
28705
0.0033
28107
28307
28507
28707
0.0047
28109
28309
28509
28709
0.0068
28112
28312
28512
28712
0.01
28114
28314
28514
28714
0.015
28116
28316
28516
28716
0.022
28118
28318
28518
28718
0.033
5.0
× 10.5 × 10.0
0.9
28121
28321
1000
28521
1250
28721
1000
0.047
6.0
× 11.5 × 10.0
1.0
28123
28323
750
28523
1000
28723
750
Pitch
= 10.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
ammopack:
H
= 18.5 mm; P
0 = 12.7 mm
0.001
4.0
× 10.0 × 12.5
0.6
29194
29217
1000
29241
1250
0.0015
29196
29219
29243
0.0022
29198
29222
29245
0.0033
5.0
× 11.0 × 12.5
0.9
29201
29224
1000
29247
1000
0.0047
29203
29226
29249
0.0068
29205
29228
29252
0.01
29207
29231
29254
0.015
29209
29233
29256
0.022
29212
29235
29258
0.033
29214
29237
29261
0.047
29216
29239
29263
0.068
6.0
× 12.0 × 12.5
1.0
28125
28325
750
28525
750
28925
500
Original pitch
= 10.0 mm; bent back pitch = 7.5 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
reel: diameter
= 500 mm(3)
H
= 16.0 mm; P
0 = 15.0 mm
0.068
6.0
× 12.0 (14.0) × 12.5
1.0
28725
1500


Numéro de pièce similaire - MKP3382X2

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MKP3382X2 VISHAY-MKP3382X2 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
174Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
MKP3382X2 VISHAY-MKP3382X2_08 Datasheet
234Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 10-Nov-08
MKP3382X2 VISHAY-MKP3382X2_09 Datasheet
235Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Description similaire - MKP3382X2

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com