Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6205A1DRBRG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPA6205A1DRBRG4
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6205A1DRBRG4 Fiches technique(HTML) 1 Page - Texas Instruments

  TPA6205A1DRBRG4 Datasheet HTML 1Page - Texas Instruments TPA6205A1DRBRG4 Datasheet HTML 2Page - Texas Instruments TPA6205A1DRBRG4 Datasheet HTML 3Page - Texas Instruments TPA6205A1DRBRG4 Datasheet HTML 4Page - Texas Instruments TPA6205A1DRBRG4 Datasheet HTML 5Page - Texas Instruments TPA6205A1DRBRG4 Datasheet HTML 6Page - Texas Instruments TPA6205A1DRBRG4 Datasheet HTML 7Page - Texas Instruments TPA6205A1DRBRG4 Datasheet HTML 8Page - Texas Instruments TPA6205A1DRBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
ZQV
DRB
DGN
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
APPLICATIONCIRCUIT
Actual SolutionSize
6,9mm
5,25mm
(1)C
B
RI
RI
CS
RF
RF
_
+
VDD
VO+
VO-
GND
ToBattery
Cs
Bias
Circuitry
IN-
IN+
+
-
InFrom
DAC
SHUTDOWN
RI
RI
RF
RF
AppliestotheZQVPackagesOnly
C(
)
BYPASS
(Optional)
TPA6205A1
SLOS490A – JULY 2006 – REVISED AUGUST 2006
1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT
LOGIC THRESHOLDS
Designed for Wireless Handsets, PDAs, and
1.25 W Into 8
Ω From a 5-V Supply at
other mobile devices
THD = 1% (Typical)
Compatible with Low Power (1.8V Logic) I/O
Shutdown Pin has 1.8V Compatible
Threshold control signals
Thresholds
Low Supply Current: 1.7mA Typical
Shutdown Current < 10
µA
The TPA6205A1 is a 1.25-W mono fully differential
Only Five External Components
amplifier designed to drive a speaker with at least
– Improved PSRR (90 dB) and Wide Supply
8-
Ω impedance while consuming less than 37 mm2
Voltage (2.5V to 5.5V) for Direct Battery
(ZQV package option) total printed-circuit board
(PCB)
area
in
most
applications.
This
device
Operation
operates from 2.5 V to 5.5 V, drawing only 1.7 mA of
– Fully Differential Design Reduces RF
quiescent
supply
current.
The
TPA6205A1
is
Rectification
available in the space-saving 2 mm x 2 mm
– Improved CMRR Eliminates Two Input
MicroStar Junior™ BGA package, and the space
Coupling Capacitors
saving 3 mm x 3 mm QFN (DRB) package.
– C(BYPASS) Is Optional Due to Fully
Features like 85-dB PSRR from 90 Hz to 5 kHz,
Differential Design and High PSRR
improved RF-rectification immunity, and small PCB
area makes the TPA6205A1 ideal for wireless
Available in 3 mm x 3 mm QFN Package
handsets. A fast start-up time of 4
µs with minimal
(DRB)
pop
makes
the
TPA6205A1
ideal
for
PDA
Available in an 8-Pin PowerPAD™ MSOP
applications.
(DGN)
Avaliable in a 2 mm x 2 mm MicroStar
Junior™ BGA Package (ZQV)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD, MicroStar Junior are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPA6205A1DRBRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6205A1DRBRG4 TI-TPA6205A1DRBRG4 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
More results

Description similaire - TPA6205A1DRBRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6205A1 TI-TPA6205A1_15 Datasheet
1Mb / 28P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
TPA6205A1 TI1-TPA6205A1_17 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
TPA6205A1 TI-TPA6205A1 Datasheet
911Kb / 24P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER WITH 1.8-V INPUT LOGIC THRESHOLDS
SLOS490TPA6205A1 TI-SLOS490TPA6205A1 Datasheet
2Mb / 46P
[Old version datasheet]   TPA6205A1 1.25-W Mono Fully Differential Audio Power Amplifier With 1.8-V Input logic Thresholds
logo
Eutech Microelectronics...
EUA6205 EUTECH-EUA6205 Datasheet
551Kb / 13P
   1.25-W Mono Fully Differential Audio Power Amplifier with 1.8V Input Logic Thresholds
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_07 Datasheet
1Mb / 27P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com