Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6203A1DGNG4 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPA6203A1DGNG4
Description  1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6203A1DGNG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPA6203A1DGNG4 Datasheet HTML 7Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 8Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 9Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 10Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 11Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 12Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 13Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 14Page - Texas Instruments TPA6203A1DGNG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
Input Capacitor (CI)
Decoupling Capacitor (CS)
fc +
1
2pR
I
C
I
(2)
USING LOW-ESR CAPACITORS
–3 dB
fc
DIFFERENTIAL OUTPUT VERSUS
C
I +
1
2pR
I
fc
(3)
TPA6203A1
SLOS364E – MARCH 2002 – REVISED DECEMBER 2005
The TPA6203A1 does not require input coupling
The TPA6203A1 is a high-performance CMOS audio
capacitors if using a differential input source that is
amplifier
that
requires
adequate
power
supply
biased from 0.5 V to VDD - 0.8 V. Use 1% tolerance
decoupling to ensure the output total harmonic
or better gain-setting resistors if not using input
distortion (THD) is as low as possible. Power supply
coupling capacitors.
decoupling also prevents oscillations for long lead
lengths between the amplifier and the speaker. For
In
the
single-ended
input
application
an
input
higher frequency transients, spikes, or digital hash on
capacitor, CI, is required to allow the amplifier to bias
the line, a good low equivalent-series- resistance
the input signal to the proper dc level. In this case, CI
(ESR) ceramic capacitor, typically 0.1
µF to 1 µF,
and RI form a high-pass filter with the corner
placed as close as possible to the device VDD lead
frequency determined in Equation 2.
works best. For filtering lower frequency noise
signals, a 10-
µF or greater capacitor placed near the
audio power amplifier also helps, but is not required
in most applications because of the high PSRR of this
device.
Low-ESR capacitors are recommended throughout
this applications section. A real (as opposed to ideal)
capacitor can be modeled simply as a resistor in
series with an ideal capacitor. The voltage drop
across this resistor minimizes the beneficial effects of
the capacitor in the circuit. The lower the equivalent
value of this resistance the more the real capacitor
behaves like an ideal capacitor.
The value of CI is important to consider as it directly
affects the bass (low frequency) performance of the
SINGLE-ENDED OUTPUT
circuit. Consider the example where RI is 10 kΩ and
Figure 31 shows a Class-AB audio power amplifier
the specification calls for a flat bass response down
(APA)
in
a
fully
differential
configuration.
The
to 100 Hz. Equation 2 is reconfigured as Equation 3.
TPA6203A1 amplifier has differential outputs driving
both ends of the load. There are several potential
benefits to this differential drive configuration, but
initially consider power to the load. The differential
In this example, CI is 0.16 µF, so one would likely
drive to the speaker means that as one side is
choose a value in the range of 0.22
µF to 0.47 µF. A
slewing up, the other side is slewing down, and vice
further consideration for this capacitor is the leakage
versa. This in effect doubles the voltage swing on the
path from the input source through the input network
load as compared to a ground referenced load.
(RI, CI) and the feedback resistor (RF) to the load.
Plugging 2
× V
O(PP) into the power equation, where
This leakage current creates a dc offset voltage at the
voltage is squared, yields 4
× the output power from
input to the amplifier that reduces useful headroom,
the same supply rail and load impedance (see
especially in high gain applications. For this reason, a
Equation 4).
ceramic capacitor is the best choice. When polarized
capacitors are used, the positive side of the capacitor
should face the amplifier input in most applications,
as the dc level there is held at VDD/2, which is likely
higher than the source dc level. It is important to
confirm the capacitor polarity in the application.
11


Numéro de pièce similaire - TPA6203A1DGNG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6203A1DGNG4 TI1-TPA6203A1DGNG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Description similaire - TPA6203A1DGNG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6203A1 TI1-TPA6203A1_17 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6203 UTC-PA6203 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1 Datasheet
469Kb / 19P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6203A1 TI-TPA6203A1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6205A1 TI1-TPA6205A1 Datasheet
1Mb / 38P
[Old version datasheet]   1.25-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6203 UTC-PA6203_15 Datasheet
189Kb / 6P
   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com