Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6204A1DGN Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPA6204A1DGN
Description  1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6204A1DGN Fiches technique(HTML) 1 Page - Texas Instruments

  TPA6204A1DGN Datasheet HTML 1Page - Texas Instruments TPA6204A1DGN Datasheet HTML 2Page - Texas Instruments TPA6204A1DGN Datasheet HTML 3Page - Texas Instruments TPA6204A1DGN Datasheet HTML 4Page - Texas Instruments TPA6204A1DGN Datasheet HTML 5Page - Texas Instruments TPA6204A1DGN Datasheet HTML 6Page - Texas Instruments TPA6204A1DGN Datasheet HTML 7Page - Texas Instruments TPA6204A1DGN Datasheet HTML 8Page - Texas Instruments TPA6204A1DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TPA6204A1
SLOS429 − MAY 2004
1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
FEATURES
D Designed for Wireless or Cellular Handsets
and PDAs
D 1.7 W Into 8 Ω From a 5-V Supply at
THD = 10% (Typ)
D Low Supply Current: 4 mA typ at 5 V
D Shutdown Current: 0.01 mA Typ
D Fast Startup With Minimal Pop
D Only Three External Components
− Improved PSRR (−80 dB) and Wide Supply
Voltage (2.5 V to 5.5 V) for Direct Battery
Operation
− Fully Differential Design Reduces RF
Rectification
− −63 dB CMRR Eliminates Two Input
Coupling Capacitors
D Pin to Pin Compatible With TPA2005D1 and
TPA6211A1 in QFN Package
D Available in 3 mm X 3 mm QFN Package
(DRB)
APPLICATIONS
D Ideal for Wireless Handsets
D PDAs
D Notebook Computers
DESCRIPTION
The TPA6204A1 is a 1.7-W mono fully-differential
amplifier designed to drive a speaker with at least 8-
impedance
while
consuming
only
20
mm2
total
printed-circuit board (PCB) area in most applications. The
device operates from 2.5 V to 5.5 V, drawing only 4 mA of
quiescent supply current. The TPA6204A1 is available in
the space-saving 3 mm x 3 mm QFN (DRB) package.
The
TPA6204A1
is
ideal
for
PDA/smart
phone
applications due to features such as −80-dB supply
voltage rejection from 20 Hz to 2 kHz, improved RF
rectification immunity, small PCB area, and a fast startup
with minimal pop.
APPLICATION CIRCUIT
_
+
VDD
VO+
VO−
GND
6
5
8
7
To Battery
Cs
Bias
Circuitry
IN−
IN+
4
3
2
+
In From
DAC
SHUTDOWN
RI
RI
1
C(BYPASS)(1)
100 k
40 k
40 k
8
SHUTDOWN
BYPASS
IN+
IN−
VO−
GND
VDD
VO+
8-pin QFN (DRB) PACKAGE
(TOP VIEW)
7
6
5
1
2
3
4
(1) C(BYPASS) is optional.
DGN Package
(TOP VIEW)
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
IN+
IN−
VO−
GND
VDD
VO+
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004, Texas Instruments Incorporated


Numéro de pièce similaire - TPA6204A1DGN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6204A1DGN TI-TPA6204A1DGN Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Description similaire - TPA6204A1DGN

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6204A1 TI-TPA6204A1 Datasheet
244Kb / 15P
[Old version datasheet]   1.7W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
SeCoS Halbleitertechnol...
SPEMA2004A SECOS-SPEMA2004A Datasheet
240Kb / 5P
   1.7W Mono Fully Differential Audio Power Amplifier
logo
Eutech Microelectronics...
EUA6204A EUTECH-EUA6204A Datasheet
384Kb / 11P
   3W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0715 ANPEC-APA0715 Datasheet
430Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Shenzhen Huazhimei Semi...
HMA6203 HMSEMI-HMA6203 Datasheet
1,015Kb / 12P
   1.25W Mono Fully Differential Audio Power Amplifier
logo
Anpec Electronics Corop...
APA0714 ANPEC-APA0714 Datasheet
462Kb / 25P
   3W Mono Fully Differential Audio Power Amplifier
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com