Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6130A2RTJR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6130A2RTJR
Description  138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6130A2RTJR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPA6130A2RTJR Datasheet HTML 5Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 6Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 7Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 8Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 9Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 10Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 11Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 12Page - Texas Instruments TPA6130A2RTJR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
www.ti.com
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
V
=3.6V,
Gain=6.1dB,
BTL
L
DD
W
P
=200mW
O
P
=25mW
O
1
0.01
0.1
0.001
P
=100mW
O
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
V
=5V,
Gain=6.1dB,
BTL
L
DD
W
P
=100mW
O
P
=25mW
O
1
0.01
0.1
0.001
P
=200mW
O
20
100
1k
10k 20k
f-Frequency-Hz
R =32
,
V
=2.5V,
Gain=6.1dB,
BTL
L
DD
W
P
=25mW
O
1
0.01
0.1
0.001
P
=100mW
O
P
=5mW
O
20
100
1k
10k 20k
f-Frequency-Hz
R =32
,
V
=3.6V,
Gain=6.1dB,
BTL
L
DD
W
P
=100mW
O
P
=25mW
O
1
0.01
0.1
0.001
P
=200mW
O
20
100
1k
10k 20k
f-Frequency-Hz
R =32
,
V
=5V,
Gain=6.1dB,
BTL
L
DD
W
P
=100mW
O
P
=25mW
O
1
0.01
0.1
0.001
P
=200mW
O
0
-100
-80
-60
-40
-20
-120
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
Gain=0.1dB,
Cp=1 F,
Stereo
L
W
m
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
0
-100
-80
-60
-40
-20
-120
20
100
1k
10k 20k
f-Frequency-Hz
R =32
,
Gain=0.1dB,
Cp=1 F,
Stereo
L
W
m
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
0
-100
-80
-60
-40
-20
-120
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
Gain=6.1dB,
Cp=1 F,
BTL
L
W
m
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
0
-70
-60
-50
-40
-30
-20
-10
-80
20
100
1k
10k 20k
f-Frequency-Hz
R =16
,
Gain=0.1dB,
C =2.2 F,
Stereo
L
W
m
I
V
=2.5V
DD
V
=5V
DD
V
=3.6V
DD
TPA6130A2
SLOS488A – NOVEMBER 2006 – REVISED DECEMBER 2006
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
NOISE
NOISE
NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 18.
Figure 19.
Figure 20.
TOTAL HARMONIC DISTORTION +
TOTAL HARMONIC DISTORTION +
SUPPLY VOLTAGE REJECTION
NOISE
NOISE
RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 21.
Figure 22.
Figure 23.
SUPPLY VOLTAGE REJECTION
SUPPLY VOLTAGE REJECTION
RATIO
RATIO
COMMON MODE REJECTION RATIO
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 24.
Figure 25.
Figure 26.
9


Numéro de pièce similaire - TPA6130A2RTJR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6130A2RTJR TI-TPA6130A2RTJR Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2RTJR TI-TPA6130A2RTJR Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
ATMEL Corporation
TPA6130A2RTJR ATMEL-TPA6130A2RTJR Datasheet
137Kb / 4P
   AVR32 EVK1104 Evaluation Kit
logo
Texas Instruments
TPA6130A2RTJR TI1-TPA6130A2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
TPA6130A2RTJR TI1-TPA6130A2RTJR Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
More results

Description similaire - TPA6130A2RTJR

FabricantNo de pièceFiches techniqueDescription
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
TPA6130A2 TI-TPA6130A2_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPA6130A2 138-mW DIRECTPATH??Stereo Headphone Amplifier with I2C Volume Control
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
[Old version datasheet]   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com