Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3906RL1 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 2N3906RL1
Description  General Purpose Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3906RL1 Fiches technique(HTML) 3 Page - ON Semiconductor

  2N3906RL1 Datasheet HTML 1Page - ON Semiconductor 2N3906RL1 Datasheet HTML 2Page - ON Semiconductor 2N3906RL1 Datasheet HTML 3Page - ON Semiconductor 2N3906RL1 Datasheet HTML 4Page - ON Semiconductor 2N3906RL1 Datasheet HTML 5Page - ON Semiconductor 2N3906RL1 Datasheet HTML 6Page - ON Semiconductor 2N3906RL1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2N3906
http://onsemi.com
3
ORDERING INFORMATION
Device
Package
Shipping
2N3906
TO−92
5000 Units / Bulk
2N3906G
TO−92
(Pb−Free)
5000 Units / Bulk
2N3906RL1
TO−92
5000 Units / Bulk
2N3906RL1G
TO−92
(Pb−Free)
5000 Units / Bulk
2N3906RLRA
TO−92
2000 / Tape & Reel
2N3906RLRAG
TO−92
(Pb−Free)
2000 / Tape & Reel
2N3906RLRM
TO−92
2000 / Ammo Pack
2N3906RLRMG
TO−92
(Pb−Free)
2000 / Ammo Pack
2N3906RLRP
TO−92
2000 / Tape & Reel
2N3906RLRPG
TO−92
(Pb−Free)
2000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Figure 1. Delay and Rise Time Equivalent Test Circuit
Figure 2. Storage and Fall Time Equivalent Test Circuit
3 V
275
10 k
1N916
CS < 4 pF*
3 V
275
10 k
CS < 4 pF*
< 1 ns
+0.5 V
10.6 V
300 ns
DUTY CYCLE = 2%
< 1 ns
+9.1 V
10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors
* Total shunt capacitance of test jig and connectors


Numéro de pièce similaire - 2N3906RL1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2N3906RL1 ONSEMI-2N3906RL1 Datasheet
101Kb / 8P
   General Purpose Transistors
November, 2001 ??Rev. 0
2N3906RL1 ONSEMI-2N3906RL1 Datasheet
179Kb / 7P
   General Purpose Transistors
February, 2010 ??Rev. 4
2N3906RL1G ONSEMI-2N3906RL1G Datasheet
179Kb / 7P
   General Purpose Transistors
February, 2010 ??Rev. 4
More results

Description similaire - 2N3906RL1

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com