Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA0211DGNR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA0211DGNR
Description  2-W MONO AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA0211DGNR Fiches technique(HTML) 5 Page - Texas Instruments

  TPA0211DGNR Datasheet HTML 1Page - Texas Instruments TPA0211DGNR Datasheet HTML 2Page - Texas Instruments TPA0211DGNR Datasheet HTML 3Page - Texas Instruments TPA0211DGNR Datasheet HTML 4Page - Texas Instruments TPA0211DGNR Datasheet HTML 5Page - Texas Instruments TPA0211DGNR Datasheet HTML 6Page - Texas Instruments TPA0211DGNR Datasheet HTML 7Page - Texas Instruments TPA0211DGNR Datasheet HTML 8Page - Texas Instruments TPA0211DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
TPA0211
2-W MONO AUDIO POWER AMPLIFIER
SLOS275D – JANUARY 2000 – REVISED NOVEMBER 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
–50
–70
–80
–100
20
100
1 k
–30
–20
0
10 k 20 k
50
200
500
2 k
5 k
–90
–60
–40
–10
RL = 8 Ω,
CB = 1 µ,F
Mode = BTL
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
Figure 1
Figure 2
–50
–70
–80
–100
20
100
1 k
–30
–20
0
10 k 20 k
50
200
500
2 k
5 k
–90
–60
–40
–10
RL = 32 Ω,
CB = 1 µF,
Mode = SE
SUPPLY RIPPLE REJECTION RATIO
vs
FREQUENCY
f – Frequency – Hz
Figure 3
0
0.5
1
1.5
2.5
3
3.5
4
2.5
3
3.5
4
4.5
5
5.5
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V
TA = –40 °C
TA = 125 °C
TA = 25 °C
SHUTDOWN = VDD,
VDD From Low to High,
Mode = SE,
RL = Open,
Temperature From Hot to Cold
2
Figure 4
0
0.5
1
1.5
2
2.5
3
3
3.5
4
4.5
5
5.5
RL = 4 Ω
RL = 8 Ω
THD+N = 1%,
f = 1 kHz,
Mode = BTL,
AV = 8 dB
OUTPUT POWER
vs
SUPPLY VOLTAGE
VDD – Supply Voltage – V


Numéro de pièce similaire - TPA0211DGNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0211DGNR TI1-TPA0211DGNR Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNRG4 TI1-TPA0211DGNRG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results

Description similaire - TPA0211DGNR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNRG4 TI1-TPA0211DGNRG4 Datasheet
906Kb / 27P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com