Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK436W-200A Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BUK436W-200A
Description  PowerMOS transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK436W-200A Fiches technique(HTML) 3 Page - NXP Semiconductors

  BUK436W-200A Datasheet HTML 1Page - NXP Semiconductors BUK436W-200A Datasheet HTML 2Page - NXP Semiconductors BUK436W-200A Datasheet HTML 3Page - NXP Semiconductors BUK436W-200A Datasheet HTML 4Page - NXP Semiconductors BUK436W-200A Datasheet HTML 5Page - NXP Semiconductors BUK436W-200A Datasheet HTML 6Page - NXP Semiconductors BUK436W-200A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK436W-200A/B
Fig.1. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25 ˚C = f(Tmb)
Fig.2. Normalised continuous drain current.
ID% = 100
⋅I
D/ID 25 ˚C = f(Tmb); conditions: VGS ≥ 10 V
Fig.3. Safe operating area. T
mb = 25 ˚C
I
D & IDM = f(VDS); IDM single pulse; parameter tp
Fig.4. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
Fig.5. Typical output characteristics, T
j = 25 ˚C.
I
D = f(VDS); parameter VGS
Fig.6. Typical on-state resistance, T
j = 25 ˚C.
R
DS(ON) = f(ID); parameter VGS
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
1E-05
1E-03
1E-01
1E+01
t / s
Zth j-mb / (K/W)
10
1
0.1
0.01
0.001
0
0.5
0.2
0.1
0.05
0.02
BUKx56-lv
D =
D =
tp
tp
T
T
P
t
D
0
20
40
60
80
100
120
140
Tmb / C
ID%
Normalised Current Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
0
2
4
6
8
10
12
14
16
18
20
BUK456-200A
VDS / V
40
30
20
10
0
4
5
6
7
10
20
ID / A
VGS / V =
1
10
100
1000
VDS / V
100
10
1
0.1
DC
BUK436-200A,B
ID / A
tp = 10 us
100 us
1 ms
10 ms
100 ms
A B
RDS(ON)
=
VDS/ID
0
10
20
30
40
BUK456-200A
ID / A
1.0
0.8
0.6
0.4
0.2
0
4
4.5
5
5.5
6
7
10
RDS(ON) / Ohm
VGS / V =
July 1997
3
Rev 1.000


Numéro de pièce similaire - BUK436W-200A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK436W-1000B PHILIPS-BUK436W-1000B Datasheet
53Kb / 7P
   PowerMOS transistor
March 1998 Rev 1.000
BUK436W-800A PHILIPS-BUK436W-800A Datasheet
69Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK436W-800B PHILIPS-BUK436W-800B Datasheet
69Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
More results

Description similaire - BUK436W-200A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PHP5N40 PHILIPS-PHP5N40 Datasheet
54Kb / 7P
   PowerMOS transistor
February 1997 Rev 1.000
PHW7N60 PHILIPS-PHW7N60 Datasheet
56Kb / 7P
   PowerMOS transistor
June 1997 Rev 1.000
PHX1N40 PHILIPS-PHX1N40 Datasheet
60Kb / 7P
   PowerMOS transistor
June 1997 1 Rev 1.000
BUK438W-800A PHILIPS-BUK438W-800A Datasheet
65Kb / 7P
   PowerMOS transistor
February 1998 Rev 1.000
BUK444-800A PHILIPS-BUK444-800A Datasheet
67Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK444-800A PHILIPS-BUK444-800A Datasheet
52Kb / 7P
   PowerMOS transistor
April 1993 Rev 1.100
BUK453-100A PHILIPS-BUK453-100A Datasheet
57Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.100
BUK455-60H PHILIPS-BUK455-60H Datasheet
91Kb / 7P
   PowerMOS transistor
August 1994 Rev 1.000
BUK456-1000B PHILIPS-BUK456-1000B Datasheet
61Kb / 7P
   PowerMOS transistor
May 1995 Rev 1.200
BUK462-100A PHILIPS-BUK462-100A Datasheet
60Kb / 7P
   PowerMOS transistor
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com