Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK206-50 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BUK206-50
Description  TOPFET high side switch SMD version of BUK202-50Y
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK206-50 Fiches technique(HTML) 2 Page - NXP Semiconductors

  BUK206-50 Datasheet HTML 1Page - NXP Semiconductors BUK206-50 Datasheet HTML 2Page - NXP Semiconductors BUK206-50 Datasheet HTML 3Page - NXP Semiconductors BUK206-50 Datasheet HTML 4Page - NXP Semiconductors BUK206-50 Datasheet HTML 5Page - NXP Semiconductors BUK206-50 Datasheet HTML 6Page - NXP Semiconductors BUK206-50 Datasheet HTML 7Page - NXP Semiconductors BUK206-50 Datasheet HTML 8Page - NXP Semiconductors BUK206-50 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
BUK206-50Y
SMD version of BUK202-50Y
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Battery voltages
V
BG
Continuous off-state supply voltage
-
0
50
V
Reverse battery voltages
1
External resistors:
-V
BG
Repetitive peak supply voltage
R
I = RS ≥ 4.7 kΩ, δ ≤ 0.1
-
32
V
-V
BG
Continuous reverse supply voltage
R
I = RS ≥ 4.7 kΩ
-16
V
I
L
Continuous load current
T
mb ≤ 110 ˚C
-
20
A
P
D
Total power dissipation
T
mb ≤ 25 ˚C
-
125
W
T
stg
Storage temperature
-
-55
175
˚C
T
j
Continuous junction temperature
2
-
-
150
˚C
T
sold
Lead temperature
during soldering
-
250
˚C
Input and status
I
I
Continuous input current
-
-5
5
mA
I
S
Continuous status current
-
-5
5
mA
I
I
Repetitive peak input current
δ ≤ 0.1
-20
20
mA
I
S
Repetitive peak status current
δ ≤ 0.1
-20
20
mA
Inductive load clamping
E
BL
Non-repetitive clamping energy
T
mb = 150 ˚C prior to turn-off
-
1.7
J
ESD LIMITING VALUE
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
C
Electrostatic discharge capacitor
Human body model;
-
2
kV
voltage
C = 250 pF; R = 1.5 k
THERMAL CHARACTERISTIC
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Thermal resistance
3
R
th j-mb
Junction to mounting base
-
-
0.8
1
K/W
1 Reverse battery voltage is allowed only with external input and status resistors to limit the currents to a safe value.
2 For normal continuous operation. A higher T
j is allowed as an overload condition but at the threshold Tj(TO) the over temperature trip operates
to protect the switch.
3 Of the output Power MOS transistor.
July 1996
2
Rev 1.000


Numéro de pièce similaire - BUK206-50

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK206-50X PHILIPS-BUK206-50X Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK202-50X
July 1996 Rev 1.000
More results

Description similaire - BUK206-50

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK206-50X PHILIPS-BUK206-50X Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK202-50X
July 1996 Rev 1.000
BUK220-50Y PHILIPS-BUK220-50Y Datasheet
54Kb / 8P
   TOPFET high side switch SMD version of BUK219-50Y
July 2001-Rev 2.000
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK214-50Y PHILIPS-BUK214-50Y Datasheet
48Kb / 8P
   TOPFET high side switch SMD version of BUK209-50Y
September 2002-Rev 2.000
BUK215-50Y PHILIPS-BUK215-50Y Datasheet
201Kb / 13P
   TOPFET high side switch SMD version of BUK210-50Y
May 2001-Rev 1.010
BUK205-50Y PHILIPS-BUK205-50Y Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK201-50Y
July 1996 Rev 1.000
BUK207-50Y PHILIPS-BUK207-50Y Datasheet
123Kb / 13P
   TOPFET high side switch SMD version of BUK203-50Y
uly 1996 Rev 1.000
BUK215-50YT PHILIPS-BUK215-50YT Datasheet
260Kb / 13P
   TOPFET high side switch SMD version
June 2000-Rev 1.000
BUK217-50YT PHILIPS-BUK217-50YT Datasheet
38Kb / 8P
   TOPFET high side switch SMD version
September 2001-Rev 1.300
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com