Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK206-50 Fiches technique(PDF) 8 Page - NXP Semiconductors

No de pièce BUK206-50
Description  TOPFET high side switch SMD version of BUK202-50Y
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK206-50 Fiches technique(HTML) 8 Page - NXP Semiconductors

Back Button BUK206-50 Datasheet HTML 4Page - NXP Semiconductors BUK206-50 Datasheet HTML 5Page - NXP Semiconductors BUK206-50 Datasheet HTML 6Page - NXP Semiconductors BUK206-50 Datasheet HTML 7Page - NXP Semiconductors BUK206-50 Datasheet HTML 8Page - NXP Semiconductors BUK206-50 Datasheet HTML 9Page - NXP Semiconductors BUK206-50 Datasheet HTML 10Page - NXP Semiconductors BUK206-50 Datasheet HTML 11Page - NXP Semiconductors BUK206-50 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
BUK206-50Y
SMD version of BUK202-50Y
Fig.16. Typical input threshold voltages.
V
IG = f(Tj); conditions VBG = 13 V, IL = 100 mA
Fig.17. Typical input clamping voltage.
V
IG = f(Tj); conditions II = 200 µA, VBG = 13 V
Fig.18. Typical status characteristic, T
j = 25 ˚C.
I
S = f(VSG); conditions VIG = VBG = 0 V
Fig.19. Typical status leakage current.
I
S = f(Tj); conditions VSG = 5 V, VIG = VBG = 0 V
Fig.20. Typical status low characteristic, T
j = 25 ˚C.
I
S = f(VSG); conditions VIG = 5 V, VBG = 13 V, IL = 0 A
Fig.21. Typical status low voltage, V
SG = f(Tj).
conditions I
S = 50 µA, VIG = 5 V, VBG = 13 V, IL = 0 A
-60
-20
20
60
100
140
180
Tj / C
VIG / V
BUK206-50Y
3.0
2.5
2.0
1.5
1.0
VIG(ON)
VIG(OFF)
-60
-20
20
60
100
140
180
Tj / C
IS
BUK206-50Y
10 uA
1 uA
100 nA
10 nA
-60
-20
20
60
100
140
180
Tj / C
VIG / V
BUK206-50Y
8.0
7.5
7.0
6.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
VSG / V
IS / uA
BUK206-50Y
500
400
300
200
100
0
0
2
4
6
8
10
VSG / V
IS / mA
BUK206-50Y
20
15
10
5
0
-60
-20
20
60
100
140
180
Tj / C
VSG / V
BUK206-50Y
1
0.8
0.6
0.4
0.2
0
July 1996
8
Rev 1.000


Numéro de pièce similaire - BUK206-50

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK206-50X PHILIPS-BUK206-50X Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK202-50X
July 1996 Rev 1.000
More results

Description similaire - BUK206-50

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK206-50X PHILIPS-BUK206-50X Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK202-50X
July 1996 Rev 1.000
BUK220-50Y PHILIPS-BUK220-50Y Datasheet
54Kb / 8P
   TOPFET high side switch SMD version of BUK219-50Y
July 2001-Rev 2.000
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
   TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK214-50Y PHILIPS-BUK214-50Y Datasheet
48Kb / 8P
   TOPFET high side switch SMD version of BUK209-50Y
September 2002-Rev 2.000
BUK215-50Y PHILIPS-BUK215-50Y Datasheet
201Kb / 13P
   TOPFET high side switch SMD version of BUK210-50Y
May 2001-Rev 1.010
BUK205-50Y PHILIPS-BUK205-50Y Datasheet
127Kb / 13P
   TOPFET high side switch SMD version of BUK201-50Y
July 1996 Rev 1.000
BUK207-50Y PHILIPS-BUK207-50Y Datasheet
123Kb / 13P
   TOPFET high side switch SMD version of BUK203-50Y
uly 1996 Rev 1.000
BUK215-50YT PHILIPS-BUK215-50YT Datasheet
260Kb / 13P
   TOPFET high side switch SMD version
June 2000-Rev 1.000
BUK217-50YT PHILIPS-BUK217-50YT Datasheet
38Kb / 8P
   TOPFET high side switch SMD version
September 2001-Rev 1.300
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com