Moteur de recherche de fiches techniques de composants électroniques |
|
TS4956EIJT Fiches technique(PDF) 3 Page - STMicroelectronics |
|
TS4956EIJT Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 51 page TS4956 Typical application schematic 3/51 2 Typical application schematic Figure 1. Typical application for the TS4956 (mode 1, 2, 3, 4, 5, 6) Table 4. External components descriptions Components Functional description Cs1, Cs2 Supply bypass capacitors which provide power supply filtering. Cb Bypass capacitor which provides half-supply filtering. Cin1 to Cin4 Input capacitors which form together with input impedance Zin first-order high pass filter to block DC voltage on inputs Cout Output capacitor which forms with output load RL first-order high pass filter to block half-supply voltage on single-ended output. R1 Resistor to keep Cout charged for better pop performance on single-ended output. Bias control Select I2C Mode TS4956 LHP MLO PHG RHP LHP Amplifier Speaker Amplifier RHP Amplifier PHG Amplifier I2CVCC BYPASS Digital volume SRP+ SRN- MLO Amplifier Stereo Stereo Input Left Input Right LIN RIN Stereo Stereo Input Left Input Right MIP MIN B4 A2 A1 A5 B6 A7 D6 B2 D2 E7 + Cin3 330nF + Cin4 330nF Cb 1µF Cs1 1µF 1k R1 16/32 Ohms 16/32 Ohms 16/32 Ohms + Cout 220µF 8 Ohms Cs2 100nF I2CVCC SCL SDA MODE1: Gx(MIP+MIN) MODE5: Gx(MIP+MIN) MODE4: GxLIN MODE4: GxRIN Vcc + Cin1 330nF + Cin2 330nF MODE3: Gx(MIP+MIN) MODE3: Gx(MIP+MIN) MODE2: Gx(LIN+RIN) MODE6: Gx(LIN + RIN) Diff. input + Diff. input - SE input left SE input right I2C BUS |
Numéro de pièce similaire - TS4956EIJT |
|
Description similaire - TS4956EIJT |