Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA6J5.06.0CA-TR Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce SMA6J5.06.0CA-TR
Description  High junction temperature Transil TM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6J5.06.0CA-TR Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button SMA6J5.06.0CA-TR Datasheet HTML 2Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 3Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 4Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 5Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 6Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 7Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 8Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 9Page - STMicroelectronics SMA6J5.06.0CA-TR Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package information
SMA6J
8/10
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 6.
Marking
Type
Marking
Type
Marking
SMA6J5.0A-TR
6UA
SMA6J5.0CA-TR
6BA
SMA6J6.0A-TR
6UB
SMA6J6.0CA-TR
6BB
SMA6J6.5A-TR
6UC
SMA6J6.5CA-TR
6BC
SMA6J8.5A-TR
6UD
SMA6J8.5CA-TR
6BD
SMA6J10A-TR
6UE
SMA6J10CA-TR
6BE
SMA6J12A-TR
6UF
SMA6J12CA-TR
6BF
SMA6J13A-TR
6UG
SMA6J13CA-TR
6BG
SMA6J15A-TR
6UH
SMA6J15CA-TR
6BH
SMA6J18A-TR
6UJ
SMA6J18CA-TR
6BJ
SMA6J20A-TR
6UK
SMA6J20CA-TR
6BK
SMA6J24A-TR
6UM
SMA6J24CA-TR
6BM
SMA6J26A-TR
6UN
SMA6J26CA-TR
6BN
SMA6J28A-TR
6UO
SMA6J28CA-TR
6BO
SMA6J33A-TR
6UQ
SMA6J33CA-TR
6BQ
SMA6J40A-TR
6UR
SMA6J40CA-TR
6BR
SMA6J48A-TR
6US
SMA6J48CA-TR
6BS
SMA6J58A-TR
6UT
SMA6J58CA-TR
6BT
SMA6J70A-TR
6UU
SMA6J70CA-TR
6BU
SMA6J85A-TR
6UV
SMA6J85CA-TR
6BV
SMA6J100A-TR
6UW
SMA6J100CA-TR
6BW
SMA6J130A-TR
6UX
SMA6J130CA-TR
6BX
SMA6J154A-TR
6UY
SMA6J154CA-TR
6BY
SMA6J170A-TR
6UZ
SMA6J170CA-TR
6BZ
SMA6J188A-TR
6UAA
SMA6J188CA-TR
6BAA


Numéro de pièce similaire - SMA6J5.06.0CA-TR

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SMA6J5.0A MCC-SMA6J5.0A Datasheet
287Kb / 4P
   600 Watt Transient Voltage Suppressors 5.0 to 33 Volts
logo
Vishay Siliconix
SMA6J5.0A VISHAY-SMA6J5.0A Datasheet
101Kb / 5P
   Surface Mount Transient Voltage Suppressors
Revision: 30-Oct-08
logo
SUNMATE electronic Co.,...
SMA6J5.0A SUNMATE-SMA6J5.0A Datasheet
735Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
Shanghai Semitech Semic...
SMA6J5.0A SEMITECH-SMA6J5.0A Datasheet
485Kb / 5P
   Glass passivated junction
logo
SeCoS Halbleitertechnol...
SMA6J5.0A SECOS-SMA6J5.0A Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
More results

Description similaire - SMA6J5.06.0CA-TR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SMA6J_0711 STMICROELECTRONICS-SMA6J_0711 Datasheet
117Kb / 10P
   High junction temperature Transil
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
   High junction temperature Transil?
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
   High junction temperature Transil
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
   High junction temperature Transil?
September 2008 Rev 1
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
   High junction temperature Transil
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
   High junction temperature Transil?
1-5KE6V8A STMICROELECTRONICS-1-5KE6V8A Datasheet
150Kb / 6P
   TRANSIL-TM
ESDA6V1B1 STMICROELECTRONICS-ESDA6V1B1 Datasheet
61Kb / 6P
   TRANSIL-TM ARRAY FOR ESD PROTECTION
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
   HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
logo
Silikron Semiconductor ...
SSBD10L100CT SILIKRON-SSBD10L100CT Datasheet
462Kb / 6P
   High Junction Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com