Moteur de recherche de fiches techniques de composants électroniques |
|
AD7623 Fiches technique(PDF) 9 Page - Analog Devices |
|
AD7623 Fiches technique(HTML) 9 Page - Analog Devices |
9 / 32 page AD7952 Rev. 0 | Page 9 of 32 Pin No. Mnemonic Type1 Description 13 D2 or DI/O In parallel mode, this output is used as Bit 2 of the parallel port data output bus. EXT/INT Serial Data Clock Source Select. In serial mode, this input is used to select the internally generated (master) or external (slave) serial data clock for the AD7952 output data. When EXT/INT = low (master mode), the internal serial data clock is selected on SDCLK output. When EXT/INT = high (slave mode), the output data is synchronized to an external clock signal (gated by CS) connected to the SDCLK input. 14 D3 or DI/O In parallel mode, this output is used as Bit 3 of the parallel port data output bus. INVSYNC Serial Data Invert Sync Select. In serial master mode (SER/PAR = high, EXT/INT = low), this input is used to select the active state of the SYNC signal. When INVSYNC = low, SYNC is active high. When INVSYNC = high, SYNC is active low. 15 D4 or DI/O In parallel mode, this output is used as Bit 4 of the parallel port data output bus. INVSCLK In all serial modes, invert SDCLK/SCCLK select. This input is used to invert both SDCLK and SCCLK. When INVSCLK = low, the rising edge of SDCLK/SCCLK are used. When INVSCLK = high, the falling edge of SDCLK/SCCLK are used. 16 D5 or DI/O In parallel mode, this output is used as Bit 5 of the parallel port data output bus. RDC or Serial Data Read During Convert. In serial master mode (SER/PAR = high, EXT/INT = low), RDC is used to select the read mode. Refer to the Master Serial Interface section. When RDC = low, the current result is read after conversion. Note the maximum throughput is not attainable in this mode. When RDC = high, the previous conversion result is read during the current conversion. SDIN Serial Data In. In serial slave mode (SER/PAR = high, EXT/INT = high), SDIN can be used as a data input to daisy-chain the conversion results from two or more ADCs onto a single SDOUT line. The digital data level on SDIN is output on SDOUT with a delay of 16 SDCLK periods after the initiation of the read sequence. 17 OGND P Input/Output Interface Digital Power Ground. Ground reference point for digital outputs. Should be connected to the system digital ground ideally at the same potential as AGND and DGND. 18 OVDD P Input/Output Interface Digital Power. Nominally at the same supply as the supply of the host interface 2.5 V, 3 V, or 5 V and decoupled with 10 μF and 100 nF capacitors. 19 DVDD P Digital Power. Nominally at 4.75 V to 5.25 V and decoupled with 10 μF and 100 nF capacitors. Can be supplied from AVDD. 20 DGND P Digital Power Ground. Ground reference point for digital outputs. Should be connected to system digital ground ideally at the same potential as AGND and OGND. 21 D6 or DO In parallel mode, this output is used as Bit 6 of the parallel port data output bus. SDOUT Serial Data Output. In all serial modes, this pin is used as the serial data output synchronized to SDCLK. Conversion results are stored in an on-chip register. The AD7952 provides the conversion result, MSB first, from its internal shift register. The data format is determined by the logic level of OB/2C. When EXT/INT = low (master mode), SDOUT is valid on both edges of SDCLK. When EXT/INT = high (slave mode): When INVSCLK = low, SDOUT is updated on SDCLK rising edge. When INVSCLK = high, SDOUT is updated on SDCLK falling edge. 22 D7 or DI/O In parallel mode, this output is used as Bit 7 of the parallel port data output bus. SDCLK Serial Data Clock. In all serial modes, this pin is used as the serial data clock input or output, dependent on the logic state of the EXT/INT pin. The active edge where the data SDOUT is updated depends on the logic state of the INVSCLK pin. 23 D8 or DO In parallel mode, this output is used as Bit 8 of the parallel port data output bus. SYNC Serial Data Frame Synchronization. In serial master mode (SER/PAR = high, EXT/INT= low), this output is used as a digital output frame synchronization for use with the internal data clock. When a read sequence is initiated and INVSYNC = low, SYNC is driven high and remains high while the SDOUT output is valid. When a read sequence is initiated and INVSYNC = high, SYNC is driven low and remains low while the SDOUT output is valid. |
Numéro de pièce similaire - AD7623 |
|
Description similaire - AD7623 |