Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E-STE10A Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce E-STE10A
Description  PCI 10/100 Ethernet controller with integrated PHY (3.3V)
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-STE10A Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button E-STE10A Datasheet HTML 6Page - STMicroelectronics E-STE10A Datasheet HTML 7Page - STMicroelectronics E-STE10A Datasheet HTML 8Page - STMicroelectronics E-STE10A Datasheet HTML 9Page - STMicroelectronics E-STE10A Datasheet HTML 10Page - STMicroelectronics E-STE10A Datasheet HTML 11Page - STMicroelectronics E-STE10A Datasheet HTML 12Page - STMicroelectronics E-STE10A Datasheet HTML 13Page - STMicroelectronics E-STE10A Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 82 page
background image
Pin description
STE10/100A
10/82
Physical interface
98
X1
I
25MHz reference clock input for physical portion. When an
external 25MHz crystal is used, this pin will be connected to
one of its terminals, and X2 will be connected to the other
terminal. If an external 25 MHz oscillator is used, then this
pin will be connected to the oscillator’s output pin.
97
X2
O
25MHz reference clock output for physical portion. When an
external 25MHz crystal is used, this pin will be connected to
one of the crystal terminals (see X1, above). If an external
clock source is used, then this pin should be left open.
107,109
TX+, TX-
O
The differential transmit outputs of 100BASE-TX or 10BASE-
T, these pins connect directly to magnetic.
105,104
RX+, RX-
I
The differential receive inputs of 100BASE-TX or 10BASE-T,
these pins connect directly from magnetic.
101
Iref
O
Reference resistor connecting pin for reference current,
directly connects a 5KOhm
±1% resistor to Vss.
LED display & miscellaneous
90
LED M1-
LK/Act
or
LED M2-
Act
O
This pin can be programmed as mode 1 or mode 2:
For mode 1:
LED display for link and activity status. This pin will be driven
on continually when a good Link test is detected. This pin will
be driven at a 10Hz blinking frequency when either effective
receiving or transmitting is detected.
For mode 2:
LED display for activity status. This pin will be driven at a
10Hz blinking frequency when either effective receiving or
transmitting is detected.
92
LED M1-
Speed
or
LED M2-
100 link
O
This pin can be programmed as mode 1 or mode 2:
For mode 1:
LED display for 100M b/s or 10M b/s speed. This pin will be
driven on continually when the 100M b/s network operating
speed is detected.
For mode 2:
LED display for 100Ms/s link status. This pin will be driven on
continually when 100Mb/s network operating speed is
detected.
Table 1.
Pin description (continued)
Pin no.
Name
Type
Description


Numéro de pièce similaire - E-STE10A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
E-STE100P STMICROELECTRONICS-E-STE100P Datasheet
348Kb / 31P
   10/100 FAST ETHERNET 3.3V TRANSCEIVER
E-STE101P STMICROELECTRONICS-E-STE101P Datasheet
103Kb / 5P
   10/100 Fast ethernet 3.3V transceiver
More results

Description similaire - E-STE10A

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STE10 STMICROELECTRONICS-STE10 Datasheet
403Kb / 66P
   PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
logo
Advanced Micro Devices
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
   PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
logo
List of Unclassifed Man...
DM9000 ETC-DM9000 Datasheet
575Kb / 54P
   ISA TO ETHERNET MAC CONTROLLER WITH INTEGRATED 10/100 PHY
logo
Davicom Semiconductor, ...
DM9601E DAVICOM-DM9601E Datasheet
129Kb / 2P
   USB to Ethernet MAC Controller with Integrated 10/100 PHY
DM9000 DAVICOM-DM9000_09 Datasheet
602Kb / 53P
   ISA to Ethernet MAC Controller with Integrated 10/100 PHY
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
   Integrated 10/100 Ethernet MAC PHY
DM9601 ETC1-DM9601 Datasheet
603Kb / 58P
   USB Ethernet MAC Controller with Intergrated 10/100 PHY
logo
SMSC Corporation
LAN91C111 SMSC-LAN91C111 Datasheet
1Mb / 142P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
LAN91C111 SMSC-LAN91C111_11 Datasheet
1Mb / 133P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
logo
Microchip Technology
LAN91C111 MICROCHIP-LAN91C111 Datasheet
1Mb / 125P
   10/100 Non-PCI Ethernet Single Chip MAC PHY
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com