Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK116-50L Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce BUK116-50L
Description  Logic level TOPFET SMD version of BUK106-50L/S
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK116-50L Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button BUK116-50L Datasheet HTML 5Page - NXP Semiconductors BUK116-50L Datasheet HTML 6Page - NXP Semiconductors BUK116-50L Datasheet HTML 7Page - NXP Semiconductors BUK116-50L Datasheet HTML 8Page - NXP Semiconductors BUK116-50L Datasheet HTML 9Page - NXP Semiconductors BUK116-50L Datasheet HTML 10Page - NXP Semiconductors BUK116-50L Datasheet HTML 11Page - NXP Semiconductors BUK116-50L Datasheet HTML 12Page - NXP Semiconductors BUK116-50L Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
Product specification
Logic level TOPFET
BUK116-50L/S
SMD version of BUK106-50L/S
Fig.16. Maximum drain source supply voltage for
SC load protection. V
DDP(P) = f(VIS); Tmb ≤ 150 ˚C
Fig.17. Minimum protection supply voltage
for SC load protection. V
PSP = f(VIS); Tmb ≥ 25 ˚C
Fig.18. Typical overload protection characteristics.
t
d sc = f(PDS); conditions: VPS ≥ VPSP; VIS ≥ 5 V
Fig.19. Typical overload protection characteristics.
Conditions: V
DD = 13 V; VPS = VPSN, VIS = 8 V; SC load
Fig.20. Typical overload protection energy, T
j = 25 ˚C
E
SC(TO) = f(VPS); conditions: VDS = 13 V, parameter VIS
Fig.21. Typical clamping characteristics, 25 ˚C.
I
D = f(VDS); conditions: RIS = 100 Ω; tp ≤ 50 µs
0
2
4
6
8
10
VIS / V
VDDP(P) / V
BUK116-50L/S
50
40
30
20
10
0
max
-60
-20
20
60
100
140
180
220
Tmb / C
BUK116-50L/S
1.0
0
Energy / J
Time / ms
Tj(TO)
Energy & Time
0.8
0.6
0.4
0.2
0
2
4
6
8
10
VIS / V
VPSP / V
BUK116-50L/S
10
8
6
4
2
0
min
BUK116-50L
BUK116-50S
0
2
4
6
8
10
VPS / V
ESC(TO) / J
BUK116-50L/S
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
BUK116-50L
BUK116-50S
VIS / V =
10
5
5
10
0.1
1
10
PD / kW
td sc / ms
BUK116-50L/S
10
1
0.1
0.01
PDSM
50
60
70
VDS / V
ID / A
BUK116-50L/S
50
40
30
20
10
0
typ.
July 1996
9
Rev 1.000


Numéro de pièce similaire - BUK116-50L

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK116-50L PHILIPS-BUK116-50L Datasheet
138Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
More results

Description similaire - BUK116-50L

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK116-50L PHILIPS-BUK116-50L Datasheet
138Kb / 13P
   Logic level TOPFET SMD version of BUK106-50L/S
July 1996 Rev 1.000
logo
Nexperia B.V. All right...
BUK114-50L NEXPERIA-BUK114-50L Datasheet
232Kb / 14P
   Logic level TOPFET SMD version of BUK104-50L/S
Rev 1.000 1996
logo
NXP Semiconductors
BUK136-50L PHILIPS-BUK136-50L Datasheet
44Kb / 7P
   Logic level TOPFET SMD version of BUK125-50L
July 2002-Rev 1.000
BUK124-50L PHILIPS-BUK124-50L Datasheet
166Kb / 13P
   Logic level TOPFET TO-220 version of BUK135-50L
January 2003-Rev 1.110
BUK111-50GL PHILIPS-BUK111-50GL Datasheet
93Kb / 16P
   Logic level TOPFET SMD version of BUK112-50GL
September 1996 Rev 1.000
BUK130-50DL PHILIPS-BUK130-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK119-50DL
May 2001-Rev 1.900
logo
Nexperia B.V. All right...
BUK128-50DL NEXPERIA-BUK128-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001 Rev 1.800
BUK129-50DL NEXPERIA-BUK129-50DL Datasheet
160Kb / 7P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001 Rev 1.900
logo
NXP Semiconductors
BUK128-50DL PHILIPS-BUK128-50DL Datasheet
41Kb / 6P
   Logic level TOPFET SMD version of BUK117-50DL
May 2001-Rev 1.800
BUK129-50DL PHILIPS-BUK129-50DL Datasheet
42Kb / 6P
   Logic level TOPFET SMD version of BUK118-50DL
May 2001-Rev 1.900
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com