Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M27C1001-12BTR Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce M27C1001-12BTR
Description  1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C1001-12BTR Fiches technique(HTML) 1 Page - STMicroelectronics

  M27C1001-12BTR Datasheet HTML 1Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 2Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 3Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 4Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 5Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 6Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 7Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 8Page - STMicroelectronics M27C1001-12BTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
April 2006
Rev 5
1/24
1
M27C1001
1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
Features
5v ± 10% Supply Voltage in Read Operation
Access Time: 35ns
Low Power Consumption:
– Active Current: 30 mA at 5 MHz
– Standby Current: 100 µA
Programming Voltage: 12.75V ± 0.25V
Programming Time: 100 µs/word
Electronic Signature
– Manufacturer Code: 20h
– Device Code: 05h
ECOPACK® packages available
1
32
32
1
FDIP32W (F)
PDIP32 (B)
PLCC32 (C)
TSOP32 (N)
8 x 20 mm
www.st.com


Numéro de pièce similaire - M27C1001-12BTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C1001-12B1TR STMICROELECTRONICS-M27C1001-12B1TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-12B1X STMICROELECTRONICS-M27C1001-12B1X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-12B3TR STMICROELECTRONICS-M27C1001-12B3TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-12B3X STMICROELECTRONICS-M27C1001-12B3X Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
M27C1001-12B6TR STMICROELECTRONICS-M27C1001-12B6TR Datasheet
159Kb / 17P
   1 Mbit 128Kb x8 UV EPROM and OTP EPROM
More results

Description similaire - M27C1001-12BTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
M27C801-100N1 STMICROELECTRONICS-M27C801-100N1 Datasheet
212Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
September 2007 Rev 6
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C256B STMICROELECTRONICS-M27C256B Datasheet
113Kb / 16P
   256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com