Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC8832IRGYTG4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce DAC8832IRGYTG4
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DAC8832IRGYTG4 Fiches technique(HTML) 1 Page - Texas Instruments

  DAC8832IRGYTG4 Datasheet HTML 1Page - Texas Instruments DAC8832IRGYTG4 Datasheet HTML 2Page - Texas Instruments DAC8832IRGYTG4 Datasheet HTML 3Page - Texas Instruments DAC8832IRGYTG4 Datasheet HTML 4Page - Texas Instruments DAC8832IRGYTG4 Datasheet HTML 5Page - Texas Instruments DAC8832IRGYTG4 Datasheet HTML 6Page - Texas Instruments DAC8832IRGYTG4 Datasheet HTML 7Page - Texas Instruments DAC8832IRGYTG4 Datasheet HTML 8Page - Texas Instruments DAC8832IRGYTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DAC8832
®
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
RFB
INV
AGNDF
AGNDS
DGND
DAC
DAC Latch
Input
Register
DAC8832
+
+V
−V
OPA277
OPA704
OPA727
SDI
SCLK
LDAC
V
OUT
V
O
V
DD
R
FB
R
INV
V
REF−F
V
REF− S
Serial
Interface
and
Control
Logic
CS
DAC8832
SBAS380A – FEBRUARY 2006 – REVISED APRIL 2006
16-Bit, Ultra-Low Power, Voltage-Output
Digital-to-Analog Converter
• 16-Bit Resolution
The DAC8832 is
a
single,
16-bit,
serial-input,
voltage-output
digital-to-analog
converter
(DAC)
• 2.7 V to 5.5 V Single-Supply Operation
operating from a single 3 V to 5 V power supply. The
• Very Low Power: 15 µW for 3 V Power
DAC8832 provides excellent linearity (1 LSB INL),
• High Accuracy, INL: 1 LSB
low glitch, low noise, and fast settling (1.0
µS to 1/2
• Low Glitch: 10 nV-s
LSB
of
full-scale
output)
over
the
specified
temperature range of –40
°C to +85°C. The output is
• Low Noise: 18n V/√Hz
unbuffered, which reduces the power consumption
• Fast Settling: 1.0 µS
and the error introduced by the buffer.
• Fast SPI™ Interface, up to 50 MHz
This device features a standard high-speed (clock up
• Reset to Mid-Code
to 50MHz), 3 V or 5 V SPI serial interface to
• Schmitt-Trigger Inputs for Direct Optocoupler
communicate with the DSP or microprocessors.
Interface
The DAC8832 provides unipolar or bipolar output
(
±V
REF) when working with an external buffer, and is
reset to mid-code after power-up. For optimum
• Portable Equipment
performance, a set of Kelvin connections to the
external reference and the analog ground input are
• Automatic Test Equipment
provided.
• Industrial Process Control
The DAC8832 is available in a QFN-14 package,
• Data Acquisition Systems
and is pin-to-pin compatible with the DAC8831IRGY,
• Optical Networking
which is reset to zero-code after power-up.
Functional Block Diagram
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI, QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corp.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - DAC8832IRGYTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8832 TI1-DAC8832 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
More results

Description similaire - DAC8832IRGYTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC8830 BURR-BROWN-DAC8830 Datasheet
936Kb / 29P
   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
logo
Texas Instruments
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com