Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUK104-50SP Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BUK104-50SP
Description  PowerMOS transistor Logic level TOPFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK104-50SP Fiches technique(HTML) 1 Page - NXP Semiconductors

  BUK104-50SP Datasheet HTML 1Page - NXP Semiconductors BUK104-50SP Datasheet HTML 2Page - NXP Semiconductors BUK104-50SP Datasheet HTML 3Page - NXP Semiconductors BUK104-50SP Datasheet HTML 4Page - NXP Semiconductors BUK104-50SP Datasheet HTML 5Page - NXP Semiconductors BUK104-50SP Datasheet HTML 6Page - NXP Semiconductors BUK104-50SP Datasheet HTML 7Page - NXP Semiconductors BUK104-50SP Datasheet HTML 8Page - NXP Semiconductors BUK104-50SP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Philips Semiconductors
Product specification
PowerMOS transistor
BUK104-50L/S
Logic level TOPFET
BUK104-50LP/SP
DESCRIPTION
QUICK REFERENCE DATA
Monolithic temperature and
SYMBOL
PARAMETER
MAX.
UNIT
overload protected logic level power
MOSFET in a 5 pin plastic
V
DS
Continuous drain source voltage
50
V
envelope, intended as a general
I
D
Continuous drain current
15
A
purpose switch for automotive
P
tot
Total power dissipation
40
W
systems and other applications.
T
j
Continuous junction temperature
150
˚C
R
DS(ON)
Drain-source on-state resistance
APPLICATIONS
V
IS = 5 V
125
m
V
IS = 7 V
100
m
General controller for driving
lamps
SYMBOL
PARAMETER
NOM.
UNIT
motors
solenoids
V
PSN
Protection supply voltage
heaters
BUK104-50L
5V
BUK104-50S
10
V
FEATURES
FUNCTIONAL BLOCK DIAGRAM
Vertical power DMOS output
stage
Low on-state resistance
Logic and protection supply
from separate pin
Low operating supply current
Overload protection against
over temperature
Overload protection against
short circuit load
Latched overload protection
reset by protection supply
Protection circuit condition
indicated by flag pin
5 V logic compatible input level
Separate input pin
for higher frequency drive
ESD protection on input, flag
and protection supply pins
Over voltage clamping for turn
off of inductive loads
Both linear and switching
operation are possible
Fig.1. Elements of the TOPFET.
PINNING - SOT263
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
input
2
flag
3
drain
4
protection supply
5
source
Fig. 2. Type numbers ending with
suffix P refer to leadform 263-01.
Fig. 3.
tab
drain
POWER
MOSFET
DRAIN
SOURCE
INPUT
O/V
CLAMP
LOGIC AND
PROTECTION
PROTECTION SUPPLY
FLAG
leadform
tab
1 2 345
263-01
D
S
I
TOPFET
P
F
P
January 1993
1
Rev 1.200


Numéro de pièce similaire - BUK104-50SP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK104-50SP PHILIPS-BUK104-50SP Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
More results

Description similaire - BUK104-50SP

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BUK102-50DL PHILIPS-BUK102-50DL Datasheet
86Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK109-50GL PHILIPS-BUK109-50GL Datasheet
109Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
BUK101-50DL PHILIPS-BUK101-50DL Datasheet
89Kb / 10P
   PowerMOS transistor Logic level TOPFET
April 1993 Rev 1.100
BUK104-50L PHILIPS-BUK104-50L Datasheet
147Kb / 14P
   PowerMOS transistor Logic level TOPFET
January 1993 Rev 1.200
BUK107-50DS PHILIPS-BUK107-50DS Datasheet
62Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK108-50GL PHILIPS-BUK108-50GL Datasheet
127Kb / 11P
   PowerMOS transistor Logic level TOPFET
June 1996 Rev 1.000
logo
Guangdong Kexin Industr...
KUK108-50DL KEXIN-KUK108-50DL Datasheet
64Kb / 3P
   PowerMOS transistor Logic level TOPFET
logo
NXP Semiconductors
BUK100-50DL PHILIPS-BUK100-50DL Datasheet
85Kb / 10P
   PowerMOS transistor Logic level TOPFET
November 1996 Rev 1.200
BUK107-50DL PHILIPS-BUK107-50DL Datasheet
77Kb / 9P
   PowerMOS transistor Logic level TOPFET
March 1997 Rev 1.200
BUK112-50GL PHILIPS-BUK112-50GL Datasheet
91Kb / 16P
   PowerMOS transistor Logic level TOPFET
September 1996 Rev 1.000
BUK113-50DL PHILIPS-BUK113-50DL Datasheet
32Kb / 6P
   PowerMOS transistor Logic level TOPFET
January 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com