Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


M95040_06 Datasheet(Fiches technique) 23 Page - STMicroelectronics

Numéro de pièce M95040_06
Description  4 Kbit, 2 Kbit and 1 Kbit Serial SPI bus EEPROM with high speed Clock
Télécharger  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo 

 23 page
background image
M95040, M95020, M95010
Instructions
23/42
Figure 13.
Page Write (WRITE) sequence
1.
Depending on the memory size, as shown in Table 6, the most significant address bits are Don’t Care.
6.7
Cycling
C
D
S
2
1
3456789 10 11 12 13 14 15 16 17 18 19 20 21 22 23
Instruction
Byte Address
0
Data Byte 1
C
D
AI01443D
S
26
25
27 28 29 30 31
24
Data Byte 16
Data Byte N
76
3210
54
Data Byte 2
7
A7 A6 A5 A4 A3 A2 A1 A0
A8
765432
0
1
7
6543210765432
0
1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CAT15002Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM 1 2 3 4 5 MoreCatalyst Semiconductor
M24128128 Kbit 64 Kbit and 32 Kbit serial I2C bus EEPROM 1 2 3 4 5 MoreSTMicroelectronics
M25P64_0764 Mbit Low Voltage Serial Flash Memory With 50MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
NX25F011B1M-BIT 2M-BIT AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
TMC239High Current Microstep Stepper Motor Driver with protection / diagnosis and SPI Interface 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M25PE808 Mbit low-voltage Page-Erasable Serial Flash memory with Byte alterability 50MHz SPI bus standard pinout 1 2 3 4 5 MoreSTMicroelectronics
25AA320A32K SPI Bus Serial EEPROM 1 2 3 4 5 MoreMicrochip Technology
M25P202 Mbit Low Voltage Serial Flash Memory With 40MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
M34C02-W2 Kbit Serial I²C Bus EEPROM for DIMM serial presence detect 1 2 3 4 5 MoreSTMicroelectronics
USBN9603Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support 1 2 3 4 5 MoreNational Semiconductor (TI)

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl