Moteur de recherche de fiches techniques de composants électroniques |
|
L7918CT Fiches technique(PDF) 7 Page - STMicroelectronics |
|
L7918CT Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 24 page L7900 series Electrical characteristics 7/24 Table 4. Electrical characteristics of L7906C (refer to the test circuits, TJ = 0 to 125°C, VI = -11V, IO = 500 mA, CI = 2.2 µF, CO = 1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -5.75 -6 -6.25 V VO Output voltage IO = -5 mA to -1 A, PO ≤15 W VI = -9.5 to -21.5 V -5.7 -6 -6.3 V ∆VO(1) Line regulation VI = -8.5 to -25 V, TJ = 25°C 120 mV VI = -9 to -15 V, TJ = 25°C 60 ∆VO(1) Load regulation IO = 5 mA to 1.5 A, TJ = 25°C 120 mV IO = 250 to 750 mA, TJ = 25°C 60 Id Quiescent current TJ = 25°C 3 mA ∆Id Quiescent current change IO = 5 mA to 1 A 0.5 mA VI = -9.5 to -25 V 1.3 ∆VO/∆T Output voltage drift IO = 5 mA -0.6 mV/°C eN Output noise voltage B = 10Hz to 100KHz, TJ = 25°C 144 µV SVR Supply voltage rejection ∆VI = 10 V, f = 120Hz 54 60 dB Vd Dropout voltage IO = 1 A, TJ = 25°C, ∆VO = 100 mV 1.4 V Isc Short circuit current 2 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. Table 5. Electrical characteristics of L7908C (refer to the test circuits, TJ = 0 to 125°C, VI = -14V, IO = 500 mA, CI = 2.2 µF, CO = 1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -7.7 -8 -8.3 V VO Output voltage IO = -5 mA to -1 A, PO ≤15 W VI = -11.5 to -23 V -7.6 -8 -8.4 V ∆VO(1) Line regulation VI = -10.5 to -25 V, TJ = 25°C 160 mV VI = -11 to -17 V, TJ = 25°C 80 ∆VO(1) Load regulation IO = 5 mA to 1.5 A, TJ = 25°C 160 mV IO = 250 to 750 mA, TJ = 25°C 80 Id Quiescent current TJ = 25°C 3 mA ∆Id Quiescent current change IO = 5 mA to 1 A 0.5 mA VI = -11.5 to -25 V 1 ∆VO/∆T Output voltage drift IO = 5 mA -0.6 mV/°C eN Output noise voltage B = 10Hz to 100KHz, TJ = 25°C 175 µV SVR Supply voltage rejection ∆VI = 10 V, f = 120Hz 54 60 dB Vd Dropout voltage IO = 1 A, TJ = 25°C, ∆VO = 100 mV 1.1 V Isc Short circuit current 1.5 A 1. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
Numéro de pièce similaire - L7918CT |
|
Description similaire - L7918CT |