Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74GTL2007PWE4 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74GTL2007PWE4
Description  12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL2007PWE4 Fiches technique(HTML) 2 Page - Texas Instruments

  SN74GTL2007PWE4 Datasheet HTML 1Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 2Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 3Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 4Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 5Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 6Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 7Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 8Page - Texas Instruments SN74GTL2007PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN74GTL2007
12BIT GTL/GTL/GTL+ TO LVTTL TRANSLATOR
SCLS609 − MARCH 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Function Tables
INPUTS
OUTPUT
EN1
1BI/2BI
OUTPUT
1AO/2AO
H
L
L
H
HH
L
X
H
INPUTS
OUTPUT
EN2
3BI/4BI
OUTPUT
3AO/4AO
H
L
L
H
HH
L
X
H
INPUT
9BI
OUTPUT
9AO
L
L
H
H
INPUTS
OUTPUT
10BO1/10BO2
10AI1/10AI2
9BI
OUTPUT
10BO1/10BO2
L
L
L
L
HL
H
LL
H
H
H
INPUTS
INPUT/OUTPUT
5A/6A
OUTPUT
7BO1/7BO2
EN2
5BI/6BI
5A/6A
(OPEN DRAIN)
OUTPUT
7BO1/7BO2
H
L
L
H†
H
HL‡
L
H
HH
H
L
HL‡
L
L
HH
H
L
LH
H
L
L
L‡
H
INPUT
11BI
INPUT/OUTPUT
11A
(OPEN DRAIN)
OUTPUT
11BO
L
H
L
L
L‡
H
H
L
H
H = High voltage level
L = Low voltage level
† The enable on 7BO1/7BO2 includes a
delay that prevents a transient condition
(where 5BI/6BI goes from low to high, and
the low to high on 5A/6A lags up to 100 ns)
from
causing
a
low
glitch
on
the
7BO1/7BO2 outputs.
‡ Open-drain input/output terminal is driven
to a logic-low state by an external driver.


Numéro de pièce similaire - SN74GTL2007PWE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74GTL2003 TI1-SN74GTL2003 Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PW TI1-SN74GTL2003PW Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
652Kb / 20P
[Old version datasheet]   8-BIT BIDIRECTIONAL LOW-VOLTAGE TRANSLATOR
SN74GTL2003PWR TI1-SN74GTL2003PWR Datasheet
995Kb / 25P
[Old version datasheet]   8-Bit Bidirectional Low-Voltage Translator
More results

Description similaire - SN74GTL2007PWE4

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
GTL2107 NXP-GTL2107 Datasheet
190Kb / 19P
   12-bit GTL??GTL/GTL to LVTTL translator
Rev. 05-23 December 2009
logo
Texas Instruments
SN74GTL2107 TI-SN74GTL2107 Datasheet
124Kb / 10P
[Old version datasheet]   12-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
logo
NXP Semiconductors
GTL2004 PHILIPS-GTL2004 Datasheet
98Kb / 10P
   Quad GTL/GTL to LVTTL/TTL bidirectional latched translator
1999 Jul 19
GTL16612 PHILIPS-GTL16612 Datasheet
98Kb / 13P
   18-bit GTL/GTL to LVTTL/TTL bidirectional universal translator (3-State)
2002 Dec 13
logo
Texas Instruments
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com