Moteur de recherche de fiches techniques de composants électroniques |
|
MC13201 Fiches technique(PDF) 8 Page - Freescale Semiconductor, Inc |
|
MC13201 Fiches technique(HTML) 8 Page - Freescale Semiconductor, Inc |
8 / 26 page MC13201 Technical Data, Rev. 1.0, 8 Freescale Semiconductor 5.3 DC Electrical Characteristics 5.4 AC Electrical Characteristics Table 3. DC Electrical Characteristics (VBATT, VDDINT = 2.7 V, TA = 25 °C, unless otherwise noted) Characteristic Symbol Min Typ Max Unit Power Supply Current (VBATT + VDDINT) Off Hibernate Doze (No CLKO)1 Idle Transmit Mode Receive Mode 1 CLKO frequency at default value of 32.786 kHz. Ileakage ICCH ICCD ICCI ICCT ICCR - - - - - - 0.2 1.0 35 500 30 37 2.5 22 154 1500 38 45 µA µA µA µA mA mA Input Current (VIN = 0 V or VDDINT) (All digital inputs) IIN -- ±1 µA Input Low Voltage (All digital inputs) VIL 0- 30% VDDINT V Input High Voltage (all digital inputs) VIH 70% VDDINT -VDDINT V Output High Voltage (IOH = -1 mA) (All digital outputs) VOH 80% VDDINT -VDDINT V Output Low Voltage (IOL = 1 mA) (All digital outputs) VOL 0- 20% VDDINT V Table 4. Receiver AC Electrical Characteristics (VBATT, VDDINT = 2.7 V, TA = 25 °C, fref = 16 MHz, unless otherwise noted.) Characteristic Symbol Min Typ Max Unit Sensitivity for 1% Packet Error Rate (PER) (-40 to +85 °C) SENSper --91 - dBm Sensitivity for 1% Packet Error Rate (PER) (+25 °C) - -91 -82 dBm Saturation (maximum input level) SENSmax -10- dBm Channel Rejection for 1% PER (desired signal -82 dBm) +5 MHz (adjacent channel) -5 MHz (adjacent channel) +10 MHz (alternate channel) -10 MHz (alternate channel) >= 15 MHz - - - - - 31 30 43 41 53 - - - - - dB dB dB dB dB Frequency Error Tolerance - - 200 kHz Symbol Rate Error Tolerance - - 80 ppm |
Numéro de pièce similaire - MC13201 |
|
Description similaire - MC13201 |