Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUJ403A Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BUJ403A
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUJ403A Fiches technique(HTML) 4 Page - NXP Semiconductors

  BUJ403A Datasheet HTML 1Page - NXP Semiconductors BUJ403A Datasheet HTML 2Page - NXP Semiconductors BUJ403A Datasheet HTML 3Page - NXP Semiconductors BUJ403A Datasheet HTML 4Page - NXP Semiconductors BUJ403A Datasheet HTML 5Page - NXP Semiconductors BUJ403A Datasheet HTML 6Page - NXP Semiconductors BUJ403A Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUJ403A
Fig.7. Normalised power dissipation.
PD% = 100
⋅PD/PD
25˚C = f (Tmb)
Fig.8. Typical DC current gain. h
FE = f(IC)
parameter V
CE
Fig.9. Collector-Emitter saturation voltage.
Solid lines = typ values, V
CEsat = f(IB); Tj=25˚C.
Fig.10. Base-Emitter saturation voltage.
Solid lines = typ values, V
BEsat = f(IC); at IC/IB =4.
Fig.11. Collector-Emitter saturation voltage.
Solid lines = typ values, V
CEsat = f(IC); at IC/IB =4.
Fig.12. Transient thermal impedance.
Z
th j-mb = f(t); parameter D = tp/T
0
20
40
60
80
100
120
140
Tmb / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
IC/A
VBEsat/V
0.0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
IC/A
VCEsat/V
0.01
1
100
10
1
0.1
10
h FE
IC / A
Tj = 25 C
1V
5V
0.0
0.4
0.8
1.2
1.6
2.0
0.01
0.10
1.00
10.00
IB/A
VCEsat/V
IC=1A
IC=1A
2A
3A
4A
1E-06
1E-04
1E-02
1E+00
t / s
Zth / (K/W)
10
1
0.1
0.01
0
0.5
0.2
0.1
0.05
0.02
D =
tp
T
T
P
t
D
tp
D=
December 1998
4
Rev 1.200


Numéro de pièce similaire - BUJ403A

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUJ403A ISC-BUJ403A Datasheet
139Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
BUJ403A SAVANTIC-BUJ403A Datasheet
100Kb / 3P
   Silicon NPN Power Transistors
logo
NXP Semiconductors
BUJ403A NXP-BUJ403A Datasheet
125Kb / 9P
   Silicon Diffused Power Transistor
December 1998
logo
Savantic, Inc.
BUJ403A SAVANTIC-BUJ403A Datasheet
102Kb / 3P
   Silicon NPN Power Transistors
logo
WeEn Semiconductors
BUJ403A WEEN-BUJ403A Datasheet
337Kb / 9P
   Silicon Diffused Power Transistor
More results

Description similaire - BUJ403A

FabricantNo de pièceFiches techniqueDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com