Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2855BDW Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2855BDW
Description  High Performance Power Factor Preregulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

UC2855BDW Fiches technique(HTML) 2 Page - Texas Instruments

  UC2855BDW Datasheet HTML 1Page - Texas Instruments UC2855BDW Datasheet HTML 2Page - Texas Instruments UC2855BDW Datasheet HTML 3Page - Texas Instruments UC2855BDW Datasheet HTML 4Page - Texas Instruments UC2855BDW Datasheet HTML 5Page - Texas Instruments UC2855BDW Datasheet HTML 6Page - Texas Instruments UC2855BDW Datasheet HTML 7Page - Texas Instruments UC2855BDW Datasheet HTML 8Page - Texas Instruments UC2855BDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
UC2855A/B
UC3855A/B
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VCC.......................... Internally Limited
VCC Supply Clamp Current ....................... 20mA
PFC Gate Driver Current (continuous) ..............± 0.5A
PFC Gate Driver Current (peak) ...................± 1.5A
ZVT Drive Current (continuous) ...................± 0.25A
ZVT Drive Current (peak)........................± 0.75A
I
nput Current (IAC, RT, RVA) .......................5mA
Analog Inputs (except Peak Limit) ..............
−0.3 to 10V
Peak Limit Input ...........................
−0.3 to 6.5V
Softstart Sinking Current ......................... 1.5mA
Storage Temperature ...................
−65°C to +150°C
Junction Temperature ...................
−55°C to +150°C
Lead Temperature (Soldering, 10 sec.) ............. +300
°C
Currents are positive into, negative out of the specified termi-
nal. Consult Packaging Section of Databook for thermal limita-
tions and considerations of packages. All voltages are
referenced to GND.
CONNECTION DIAGRAMS
PLCC-20 & LCC-20 (Top View)
Q or L Package
DIL–20 (Top View)
J or N Package
SOIC-20 (Top View)
DW Package
ELECTRICAL CHARACTERISTICS:Unless otherwise specified: VCC = 18V, RT = 15k, RVS = 23k, CT = 470pF, CI =
150pF, VRMS = 1.5V, IAC = 100
µA, ISENSE = 0V, CAOUT = 4V, VAOUT= 3.5V, VSENSE = 3V. –40°C to 85°C (UC2855A/B), 0°C
to 70
°C (UC3855A/B).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Current, OFF
CAO, VAOUT = 0V, VCC = UVLO
−0.3V
150
500
µA
Supply Current, OPERATING
17
25
mA
VCC Turn-On Threshold
UC3855A
15.5
17.5
V
VCCTurn-Off Threshold
UC3855A,B
9
10
V
VCC Turn-On Threshold
UC3855B
10.5
10.8
V
VCC Clamp
I(VCC) = ICC(on) + 5mA
18
20
22
V
Voltage Amplifier
Input Voltage
2.9
3.1
V
VSENSE Bias Current
−500
25
500
nA
Open Loop Gain
VOUT =2to5V
65
80
dB
VOUT High
ILOAD = –300µA
5.75
6
6.25
V
VOUT Low
ILOAD = 300µA
0.3
0.5
V
Output Short Circuit Current
VOUT = 0V
0.6
3
mA


Numéro de pièce similaire - UC2855BDW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2855BDW TI1-UC2855BDW Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2855BDWG4 TI1-UC2855BDWG4 Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2855BDWTR TI1-UC2855BDWTR Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2855BDWTR/81363G4 TI1-UC2855BDWTR/81363G4 Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2855BDWTRG4 TI1-UC2855BDWTRG4 Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
More results

Description similaire - UC2855BDW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC3855ADWG4 TI1-UC3855ADWG4 Datasheet
1Mb / 17P
[Old version datasheet]   High Performance Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com