Moteur de recherche de fiches techniques de composants électroniques |
|
UC2855AN Fiches technique(PDF) 9 Page - Texas Instruments |
|
UC2855AN Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 12 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) UC2855ADW ACTIVE SOIC DW 20 25 None CU SNPB Level-2-220C-1 YEAR UC2855ADWTR ACTIVE SOIC DW 20 2000 None CU SNPB Level-2-220C-1 YEAR UC2855AN ACTIVE PDIP N 20 20 None CU SNPB Level-NA-NA-NA UC2855BDW ACTIVE SOIC DW 20 25 None CU SNPB Level-2-220C-1 YEAR UC2855BDWG4 ACTIVE SOIC DW 20 1000 Green (RoHS & no Sb/Br) CU NIPDAU Level-2-260C-1 YEAR UC2855BDWTR ACTIVE SOIC DW 20 2000 None CU SNPB Level-2-220C-1 YEAR UC2855BN ACTIVE PDIP N 20 20 None CU SNPB Level-NA-NA-NA UC3855ADW ACTIVE SOIC DW 20 25 None CU SNPB Level-2-220C-1 YEAR UC3855ADWTR ACTIVE SOIC DW 20 2000 None CU SNPB Level-2-220C-1 YEAR UC3855AN ACTIVE PDIP N 20 20 None CU SNPB Level-NA-NA-NA UC3855BDW ACTIVE SOIC DW 20 25 None CU SNPB Level-2-220C-1 YEAR UC3855BDWTR ACTIVE SOIC DW 20 2000 None CU SNPB Level-2-220C-1 YEAR UC3855BN ACTIVE PDIP N 20 20 None CU SNPB Level-NA-NA-NA (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. None: Not yet available Lead (Pb-Free). Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens, including bromine (Br) or antimony (Sb) above 0.1% of total product weight. (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis. PACKAGE OPTION ADDENDUM www.ti.com 4-Mar-2005 Addendum-Page 1 |
Numéro de pièce similaire - UC2855AN |
|
Description similaire - UC2855AN |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |