Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT130081ZWI-GT3 Fiches technique(PDF) 3 Page - Catalyst Semiconductor

No de pièce CAT130081ZWI-GT3
Description  Voltage Supervisor with Microwire Serial CMOS EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT130081ZWI-GT3 Fiches technique(HTML) 3 Page - Catalyst Semiconductor

  CAT130081ZWI-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT130081ZWI-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT130081ZWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT130081ZWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT130081ZWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT130081ZWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT130081ZWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT130081ZWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT130081ZWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT130xx
© 2007 Catalyst Semiconductor, Inc.
3
Doc. No. 1121 Rev. A
Characteristics subject to change without notice
A.C. CHARACTERISTICS (MEMORY)
(1)
VCC = +2.5V to 5.5V, TA = -40°C to 85°C, unless otherwise specified.
Symbol
Parameter
Min
Max
Units
fSK
Clock Frequency
DC
2000
kHz
tCSS
CS Setup Time
50
ns
tCSH
CS Hold Time
0
ns
tCSMIN
Minimum CS Low Time
0.25
µs
tSKHI
Minimum SK High Time
0.25
µs
tSKLOW
Minimum SK Low Time
0.25
µs
tDIS
DI Setup Time
100
ns
tDIH
DI Hold Time
100
ns
tPD1
Output Delay to 1
0.25
µs
tPD0
Output Delay to 0
0.25
µs
tHZ
(1)
Output Delay to High-Z
100
ns
tSV
Output Delay to Status Valid
0.25
µs
tEW
Program/Erase Pulse Width
5
ms
tPU
(2), (3)
Power-up to Ready Mode
1
ms
Notes:
(1) Test conditions according to “A.C. Test Conditions” table.
(2) Tested initially and after a design or process change that affects this parameter.
(3) tPU is the delay between the time VCC is stable and the device is ready to accept commands.
A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50 ns
Input Levels
0.4V to 2.4V (4.5V < VCC < 5.5V)
Input Levels
0.2VCC to 0.7VCC (2.5V < VCC < 4.5V)
Timing Reference Levels
0.8V, 2.0V (4.5V < VCC < 5.5V)
Timing Reference Levels
0.5VCC (2.5V < VCC < 4.5V)
Output Load
Current Source: IOL max / IOH max; CL = 100pF


Numéro de pièce similaire - CAT130081ZWI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT130081ZWI-GT3 ONSEMI-CAT130081ZWI-GT3 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
More results

Description similaire - CAT130081ZWI-GT3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
   Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
logo
Catalyst Semiconductor
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
   Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C66V-TE13 ONSEMI-CAT93C66V-TE13 Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAT93C56LI-G ONSEMI-CAT93C56LI-G Datasheet
155Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
logo
Catalyst Semiconductor
CAT93C66 CATALYST-CAT93C66_07 Datasheet
261Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
logo
ON Semiconductor
CAT93C56 ONSEMI-CAT93C56 Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
CAT93C66 ONSEMI-CAT93C66 Datasheet
438Kb / 17P
   4-Kb Microwire Serial CMOS EEPROM
Doc. No. MD-1089 Rev. T
CAT93C66P ONSEMI-CAT93C66P Datasheet
175Kb / 16P
   4 kb Microwire Serial CMOS EEPROM
April, 2012 ??Rev. 11
CAV93C66 ONSEMI-CAV93C66 Datasheet
134Kb / 10P
   4 Kb Microwire Serial CMOS EEPROM
December, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com