Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDCY1050M Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce TDCY1050M
Description  Clock Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDCY1050M Fiches technique(HTML) 2 Page - Vishay Siliconix

  TDCY1050M Datasheet HTML 1Page - Vishay Siliconix TDCY1050M Datasheet HTML 2Page - Vishay Siliconix TDCY1050M Datasheet HTML 3Page - Vishay Siliconix TDCY1050M Datasheet HTML 4Page - Vishay Siliconix TDCY1050M Datasheet HTML 5Page - Vishay Siliconix TDCY1050M Datasheet HTML 6Page - Vishay Siliconix TDCY1050M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number 83180
Rev. 1.4, 31-Aug-04
VISHAY
TDCG / R / Y10..m
Vishay Semiconductors
Optical and Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Red
TDCR1050m/ TDCR1060m
Note1) IVmin and IV groups are mean values of all segments (a to g, D1 to D4),
matching factor within segments is
≥ 0.5, excluding decimal points and colon.
Yellow
TDCY1050m/ TDCY1060m
Note1) IVmin and IV groups are mean values of all segments (a to g, D1 to D4),
matching factor within segments is
≥ 0.5, excluding decimal points and colon.
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity per
segment 1)
IF = 2 mA
TDCR1050m
IV
1.5
mcd
TDCR1060m
IV
1.5
mcd
IF = 10 mA
TDCR1050m
IV
4.0
6.0
mcd
TDCR1060m
IV
4.0
6.0
mcd
Luminous intensity of colon
IF = 2 mA
TDCR1050m
IV
0.4
mcd
TDCR1060m
IV
0.4
mcd
IF = 10 mA
TDCR1050m
IV
0.5
0.8
mcd
TDCR1060m
IV
0.5
0.8
mcd
Dominant wavelength
IF = 20 mA
λd
631
nm
Peak wavelength
IF = 20 mA
λp
639
nm
Spectral bandwidth
IF = 20 mA
∆λ
20
nm
Forward voltage
IF = 20 mA
VF
2.0
2.4
V
Reverse current
VR = 5 V
IR
10
µA
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Luminous intensity per
segment 1)
IF = 2 mA
TDCY1050m
IV
1.5
mcd
TDCY1060m
IV
1.5
mcd
IF = 10 mA
TDCY1050m
IV
4.0
8.0
mcd
TDCY1060m
IV
4.0
8.0
mcd
Luminous intensity of colon
IF = 2 mA
TDCY1050m
IV
0.4
mcd
TDCY1060m
IV
0.4
mcd
IF = 10 mA
TDCY1050m
IV
0.5
1.0
mcd
TDCY1060m
IV
0.5
1.0
mcd
Dominant wavelength
IF = 20 mA
λd
589
nm
Peak wavelength
IF = 20 mA
λp
591
nm
Spectral bandwidth
IF = 20 mA
∆λ
15
nm
Forward voltage
IF = 20 mA
VF
2.0
2.4
V
Reverse current
VR = 5 V
IR
10
µA


Numéro de pièce similaire - TDCY1050M

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TDCY1050M VISHAY-TDCY1050M Datasheet
272Kb / 7P
   Clock Display
Rev. 1.5, 07-Dec-09
TDCY1050M VISHAY-TDCY1050M Datasheet
245Kb / 7P
   Clock Display
Rev. 1.6, 17-Apr-13
More results

Description similaire - TDCY1050M

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
TDCG1050M VISHAY-TDCG1050M_09 Datasheet
272Kb / 7P
   Clock Display
Rev. 1.5, 07-Dec-09
TDCG1050M VISHAY-TDCG1050M_V02 Datasheet
245Kb / 7P
   Clock Display
01-Jan-2023
TDCG1050M VISHAY-TDCG1050M_V01 Datasheet
246Kb / 7P
   Clock Display
01-Jan-2022
TDCG10M VISHAY-TDCG10M Datasheet
245Kb / 7P
   Clock Display
Rev. 1.6, 17-Apr-13
logo
Extech Instruments Corp...
365515 EXTECH-365515 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
365515 EXTECH-365515_15 Datasheet
194Kb / 1P
   Stopwatch/Clock with Backlit Display
logo
Marktech Corporate
MTN2428-14C MARKTECH-MTN2428-14C Datasheet
44Kb / 1P
   Marktech 0.28 Clock (Std.) Display
logo
List of Unclassifed Man...
TKD8001 ETC1-TKD8001 Datasheet
890Kb / 13P
   Clock Synthesizer and Display DAC
logo
Silan Microelectronics ...
SC3610 SILAN-SC3610 Datasheet
258Kb / 16P
   FREQUENCY AND CLOCK DISPLAY DRIVER
logo
Micro Electronics
MO461C MICRO-ELECTRONICS-MO461C Datasheet
74Kb / 2P
   0.6 FOUR DIGIT LED CLOCK DISPLAY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com