Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74AC257M Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD74AC257M
Description  Quad 2-Input Multiplexer with Three-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74AC257M Fiches technique(HTML) 3 Page - Texas Instruments

  CD74AC257M Datasheet HTML 1Page - Texas Instruments CD74AC257M Datasheet HTML 2Page - Texas Instruments CD74AC257M Datasheet HTML 3Page - Texas Instruments CD74AC257M Datasheet HTML 4Page - Texas Instruments CD74AC257M Datasheet HTML 5Page - Texas Instruments CD74AC257M Datasheet HTML 6Page - Texas Instruments CD74AC257M Datasheet HTML 7Page - Texas Instruments CD74AC257M Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6V
DC Input Diode Current, IIK
For VI < -0.5V or VI > VCC + 0.5V . . . . . . . . . . . . . . . . . . . . . .±20mA
DC Output Diode Current, IOK
For VO < -0.5V or VO > VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±50mA
DC Output Source or Sink Current per Output Pin, IO
For VO > -0.5V or VO < VCC + 0.5V . . . . . . . . . . . . . . . . . . . .±50mA
DC VCC or Ground Current, ICC or IGND (Note 3) . . . . . . . . .±100mA
Operating Conditions
Temperature Range, TA . . . . . . . . . . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC (Note 4)
AC Types. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1.5V to 5.5V
ACT Types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input or Output Voltage, VI, VO . . . . . . . . . . . . . . . . . 0V to VCC
Input Rise and Fall Slew Rate, dt/dv
AC Types, 1.5V to 3V . . . . . . . . . . . . . . . . . . . . . . . . . 50ns (Max)
AC Types, 3.6V to 5.5V . . . . . . . . . . . . . . . . . . . . . . . . 20ns (Max)
ACT Types, 4.5V to 5.5V. . . . . . . . . . . . . . . . . . . . . . . 10ns (Max)
Thermal Resistance (Typical, Note 5)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
___
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
___
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. For up to 4 outputs per device, add
±25mA for each additional output.
4. Unless otherwise specified, all voltages are referenced to ground.
5.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO
85oC
-55oC TO
125oC
UNITS
VI (V)
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
AC TYPES
High Level Input Voltage
VIH
-
-
1.5
1.2
-
1.2
-
1.2
-
V
3
2.1
-
2.1
-
2.1
-
V
5.5
3.85
-
3.85
-
3.85
-
V
Low Level Input Voltage
VIL
-
-
1.5
-
0.3
-
0.3
-
0.3
V
3
-
0.9
-
0.9
-
0.9
V
5.5
-
1.65
-
1.65
-
1.65
V
High Level Output Voltage
VOH
VIH or VIL
-0.05
1.5
1.4
-
1.4
-
1.4
-
V
-0.05
3
2.9
-
2.9
-
2.9
-
V
-0.05
4.5
4.4
-
4.4
-
4.4
-
V
-4
3
2.58
-
2.48
-
2.4
-
V
-24
4.5
3.94
-
3.8
-
3.7
-
V
-75
(Note 6, 7)
5.5
-
-
3.85
-
-
-
V
-50
(Note 6, 7)
5.5
----
3.85
-
V
CD54/74AC257, CD54/74ACT257, CD74ACT258


Numéro de pièce similaire - CD74AC257M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74AC257M TI-CD74AC257M Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74AC257M TI-CD74AC257M Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74AC257M TI-CD74AC257M Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74AC257M96 TI-CD74AC257M96 Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74AC257M96 TI-CD74AC257M96 Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results

Description similaire - CD74AC257M

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_07 Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_08 Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
logo
Intersil Corporation
ACS257MS INTERSIL-ACS257MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs
November 1997
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com