Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTV130 Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce MTV130
Description  On-Screen Display for LCD Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

MTV130 Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  MTV130 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV130 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Revision 1.0
3/18
28/April/2000
MTV130
MYSON
TECHNOLOGY
3.0 FUNCTIONAL DESCRIPTIONS
3.1 SERIAL DATA INTERFACE
The serial data interface receives data transmitted from an external controller. And there are 2 types of bus
can be accessed through the serial data interface, one is SPI bus and other is I2C bus.
3.1.1 SPI bus
While SSB pin is pulled to "high" or "low" level, the SPI bus operation is selected. And a valid transmission
should be starting from pulling SSB to "low" level, enabling MTV130 to receiving mode, and retain "low" level
until the last cycle for a complete data packet transfer. The protocol is shown in Figure 1.
There are three transmission formats shown as below:
Format (a) R - C - D
→ R - C - D → R - C - D .....
Format (b) R - C - D
→ C - D → C - D → C - D .....
Format (c) R - C - D
→ D → D → D → D → D .....
Where R=Row address, C=Column address, D=Display data
3.1.2 I2C bus
I2C bus operation is only selected when SSB pin is left floating. And a valid transmission should be starting
from writing the slave address 7AH to MTV130. The protocol is shown in Figure 2.
VDD
-
9
13
Power supply. Positive 5 V DC supply for internal circuitry and a 0.1uF
decoupling capacitor should be connected across to VDD and VSS.
VFLB
I
10
14
Vertical input. This pin is used to input the vertical synchronizing signal.
It is leading triggered and has an internal pull-up resistor.
INT
O
11
15
Intensity color output. 16-color selection is achievable by combining
this intensity pin with R/G/B output pins.
FBKG
O
12
16
Fast Blanking output. It is used to cut off external R, G, B signals of
VGA while this chip is displaying characters or windows.
BOUT
O
13
17
Blue color output. It is a blue color video signal output.
GOUT
O
14
18
Green color output. It is a green color video signal output.
ROUT
O
15
19
Red color output. It is a red color video signal output.
VSS
-
16
20
Ground. This ground pin is used to internal circuitry.
Name
I/O
Pin No.
Descriptions
P16
P20
MS
B
LSB
SSB
SCK
SDA
first byte
last byte
FIGURE 1. Data Transmission Protocol (SPI)


Numéro de pièce similaire - MTV130

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
MTV1-16PAL5701 ITT-MTV1-16PAL5701 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5702 ITT-MTV1-16PAL5702 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5703 ITT-MTV1-16PAL5703 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL5704 ITT-MTV1-16PAL5704 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
MTV1-16PAL6101 ITT-MTV1-16PAL6101 Datasheet
174Kb / 6P
   Microstrips .050 Contact Spacing
More results

Description similaire - MTV130

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
   On-Screen-Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
MTV038 ETC1-MTV038 Datasheet
554Kb / 25P
   On-Screen Display Controller for CRT/LCD Monitor
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com