Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

8041 Fiches technique(PDF) 1 Page - Filtran LTD

No de pièce 8041
Description  CHOKE Surface Mount Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FILTRAN [Filtran LTD]
Site Internet  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8041 Fiches technique(HTML) 1 Page - Filtran LTD

  8041 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
CHOKE
An ISO 9001 Registered Company
• 4 Line Common Mode Choke
• Reduce radiated EMI emissions
• Filters common mode noise for EMI reduction
• Common mode attenuation from 100 kHz to 500 MHz
• 500 Vrms Isolation
• PCMCIA package
SUGGESTED PAD LAYOUT
SCHEMATIC
ELECTRICAL SPECIFICATION @ 25˚C
Surface Mount Common Mode Choke
8041
MECHANICAL AND SCHEMATIC (All dimensions in inches)
Common Mode Attenuation
(dB TYP)
Turns
Ratio
(±5%)
OCL
(µH MIN)
LL
(µH MAX)
DCR
(Ω MAX)
CW/W
(pF MAX)
100kHz
1MHz
10MHz
30MHz
50MHz
100MHz
300MHz
500HMz
1:1:1:1
47
0.20
0.30
16
3
19
32
36
35
29
12
6
UNLESS OTHERWISE SPECIFIED, ALL TOLERANCES ARE ±0.010


Numéro de pièce similaire - 8041

FabricantNo de pièceFiches techniqueDescription
logo
RHOPOINT COMPONENTS
8041 RHOPOINT-8041 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
Sonardyne sound in dept...
8041-000-01 SONARDYNE-8041-000-01 Datasheet
133Kb / 2P
   Radian - Miniature Attitude & Heading Reference System
8041-000-02 SONARDYNE-8041-000-02 Datasheet
133Kb / 2P
   Radian - Miniature Attitude & Heading Reference System
logo
List of Unclassifed Man...
8041-05-00 ETC1-8041-05-00 Datasheet
94Kb / 2P
   8000 SERIES / DIP REED RELAYS
logo
Coto Technology
8041-05-001 COTO-8041-05-001 Datasheet
354Kb / 2P
   DIP Reed Relays
More results

Description similaire - 8041

FabricantNo de pièceFiches techniqueDescription
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
   Choke Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
   CHOKE Surface Mount Common Mode Choke
8042 FILTRAN-8042 Datasheet
130Kb / 1P
   CHOKE Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM1206ER161M VISHAY-ICM1206ER161M Datasheet
159Kb / 3P
   Surface Mount Common Mode Choke
Revision: 01-Mar-06
ICM0805ER900M VISHAY-ICM0805ER900M Datasheet
67Kb / 2P
   Surface Mount Common Mode Choke
Revision: 19-Apr-10
logo
NIC-Components Corp.
NCC NIC-NCC Datasheet
126Kb / 3P
   Surface Mount Common Mode Choke
logo
API Delevan
CM6560 API-CM6560 Datasheet
47Kb / 1P
   Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-1206 VISHAY-ICM-1206_06 Datasheet
78Kb / 2P
   Surface Mount Common Mode Choke
Revision: 01-Mar-06
logo
Rhombus Industries Inc.
F-174 RHOMBUS-IND-F-174 Datasheet
16Kb / 1P
   Surface Mount Common Mode Choke
F-1900HV RHOMBUS-IND-F-1900HV Datasheet
16Kb / 1P
   Surface Mount Common Mode Choke
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com