Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD3443-002 Fiches technique(PDF) 4 Page - Honeywell Solid State Electronics Center

No de pièce SD3443-002
Description  Silicon Phototransistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONEYWELL [Honeywell Solid State Electronics Center]
Site Internet  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SD3443-002 Fiches technique(HTML) 4 Page - Honeywell Solid State Electronics Center

  SD3443-002 Datasheet HTML 1Page - Honeywell Solid State Electronics Center SD3443-002 Datasheet HTML 2Page - Honeywell Solid State Electronics Center SD3443-002 Datasheet HTML 3Page - Honeywell Solid State Electronics Center SD3443-002 Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Silicon Phototransistor
SD3443/5443
Spectral Responsivity
gra_036.ds4
Wavelength - nm
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400
600
800
1000 1200
Fig. 5
Coupling Characteristics
SE3450 with SD3443
gra_021.ds4
Window-to-window distance - inches
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
Fig. 6
Coupling Characteristics
SE5450 with SD5443
gra_024.ds4
Lens-to-lens distance - inches
0.0
0.2
0.4
0.6
0.8
1.0
0
2
4
6
7
9
1
3
5
8
Fig. 7
Collector Current vs
Ambient Temperature
gra_302.cdr
Fig. 8
All Performance Curves Show Typical Values
Honeywell reserves the right to make
changes in order to improve design and
supply the best products possible.
h
111


Numéro de pièce similaire - SD3443-002

FabricantNo de pièceFiches techniqueDescription
logo
Bruckewell Technology L...
SD34 BWTECH-SD34 Datasheet
346Kb / 4P
   Surface Mount High Current Density Schottky Rectifiers 3.0 Amp 40V
logo
VBsemi Electronics Co.,...
SD3400 VBSEMI-SD3400 Datasheet
486Kb / 9P
   N-Channel 30-V (D-S) MOSFET
SD3401 VBSEMI-SD3401 Datasheet
496Kb / 9P
   P-Channel 30 V (D-S) MOSFET
SD3402 VBSEMI-SD3402 Datasheet
475Kb / 9P
   N-Channel 30-V (D-S) MOSFET
SD3407 VBSEMI-SD3407 Datasheet
483Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Description similaire - SD3443-002

FabricantNo de pièceFiches techniqueDescription
logo
Micropac Industries
61048 MICROPAC-61048 Datasheet
95Kb / 2P
   SILICON PHOTOTRANSISTOR
61058 MICROPAC-61058 Datasheet
90Kb / 2P
   SILICON PHOTOTRANSISTOR
logo
Honeywell Accelerometer...
SD2440-004 HONEYWELL-ACC-SD2440-004 Datasheet
441Kb / 4P
   Silicon Phototransistor
logo
Vishay Siliconix
TEMT1020 VISHAY-TEMT1020 Datasheet
355Kb / 9P
   Silicon Phototransistor
Rev. 1.5, 08-Mar-05
logo
Honeywell Accelerometer...
SD2440-001 HONEYWELL-ACC-SD2440-001 Datasheet
441Kb / 4P
   Silicon Phototransistor
SD1440-004 HONEYWELL-ACC-SD1440-004 Datasheet
415Kb / 4P
   Silicon Phototransistor
SDP8436-004 HONEYWELL-ACC-SDP8436-004 Datasheet
455Kb / 4P
   Silicon Phototransistor
logo
List of Unclassifed Man...
ST-8LR2 ETC1-ST-8LR2 Datasheet
37Kb / 2P
   SILICON PHOTOTRANSISTOR
logo
OPTEK Technologies
OP570 OPTEK-OP570 Datasheet
342Kb / 4P
   Silicon Phototransistor
logo
Honeywell Accelerometer...
SD1440-002 HONEYWELL-ACC-SD1440-002 Datasheet
415Kb / 4P
   Silicon Phototransistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com