Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4507AZ Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BU4507AZ
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4507AZ Fiches technique(HTML) 1 Page - NXP Semiconductors

  BU4507AZ Datasheet HTML 1Page - NXP Semiconductors BU4507AZ Datasheet HTML 2Page - NXP Semiconductors BU4507AZ Datasheet HTML 3Page - NXP Semiconductors BU4507AZ Datasheet HTML 4Page - NXP Semiconductors BU4507AZ Datasheet HTML 5Page - NXP Semiconductors BU4507AZ Datasheet HTML 6Page - NXP Semiconductors BU4507AZ Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4507AZ
GENERAL DESCRIPTION
Enhanced performance, new generation, high-voltage, high-speed switching npn transistor in a plastic full-pack
envelope intended for use in horizontal deflection circuits of colour television receivers and p.c monitors. Features
exceptional tolerance to base drive and collector current load variations resulting in a very low worst case
dissipation.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
8
A
I
CM
Collector current peak value
-
15
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
32
W
V
CEsat
Collector-emitter saturation voltage
I
C = 4 A; IB = 1 A
-
3.0
V
I
Csat
Collector saturation current
f = 16kHz
4
-
A
f = 56kHz
4
-
A
t
f
Fall time
I
Csat = 4 A; f = 16kHz
0.3
0.45
µs
I
Csat = 4 A; f = 56kHz
0.21
-
µs
PINNING - SOT186A
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
800
V
I
C
Collector current (DC)
-
8
A
I
CM
Collector current peak value
-
15
A
I
B
Base current (DC)
-
4
A
I
BM
Base current peak value
-
6
A
-I
BM
Reverse base current peak value
1
-5
A
P
tot
Total power dissipation
T
hs
25 ˚C
-
32
W
T
stg
Storage temperature
-55
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-hs
Junction to heatsink
with heatsink compound
-
4
K/W
R
th j-a
Junction to ambient
in free air
55
-
K/W
12 3
case
b
c
e
1 Turn-off current.
August 1998
1
Rev 1.100


Numéro de pièce similaire - BU4507AZ

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BU4507AF PHILIPS-BU4507AF Datasheet
63Kb / 7P
   Silicon Diffused Power Transistor
August 1998 Rev 1.100
BU4507AX PHILIPS-BU4507AX Datasheet
65Kb / 7P
   Silicon Diffused Power Transistor
August 1998 Rev 1.100
logo
Inchange Semiconductor ...
BU4507AX ISC-BU4507AX Datasheet
248Kb / 2P
   isc Silicon NPN Power Transistor
More results

Description similaire - BU4507AZ

FabricantNo de pièceFiches techniqueDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com