Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GP521 Fiches technique(PDF) 3 Page - Gennum Corporation

No de pièce GP521
Description  General Purpose Controller / Memory Chip for Hearing Instruments
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GP521 Fiches technique(HTML) 3 Page - Gennum Corporation

  GP521 Datasheet HTML 1Page - Gennum Corporation GP521 Datasheet HTML 2Page - Gennum Corporation GP521 Datasheet HTML 3Page - Gennum Corporation GP521 Datasheet HTML 4Page - Gennum Corporation GP521 Datasheet HTML 5Page - Gennum Corporation GP521 Datasheet HTML 6Page - Gennum Corporation GP521 Datasheet HTML 7Page - Gennum Corporation GP521 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
510 - 79 - 06
8
7
6
5
4
3
2
1
0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
+
-
A
S9
I R
V
= 1.3 V
B
1.3 V
18 K
1.3 V
18 K
DATA CLOCK OSI SWOFF V
GND
IR
CC
I 01 I 02
I 03
I 04
I 08
I 07
05
I
I 06
SWS
1
2
3
4
5
6
7
8
1.3 V
22 K
22 K
27 K
+
-
I O
+
-
CLOCK
DATA
DATA RET
V
=0.65V
REF
+
-
0.5 V
0.7 V
a
b
= 4
A
u
Fig. 4 PCS Current (Sink) vs PCS Voltage
I
R
= 0 to 7.5
µA (step 0.5µA) DAC set at 10
Fig. 3 PCS Current (Sink) vs PCS Voltage at DAC
Setting 0 to 15,
I
R
= 4
µA
All resistors in ohms, all capacitors
in
µF unless otherwise stated
Fig. 2 Digital Test Circuit
GP521 DIGITAL TESTING
The GP521 is tested for digital functionality via a series of
reads and writes to the GP521.
For a summary of the actual testing refer to Document No. 520-35
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
PCS VOLTAGE (V)
10
9
8
7
6
5
4
3
2
1
0
7.5
7
6.5
6
5.5
5
4.5
4
3.5
3
2.5
2
1.5
1
0.5
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
PCS VOLTAGE(V)


Numéro de pièce similaire - GP521

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GP520A ETC-GP520A Datasheet
146Kb / 10P
   Programmable Analog Signal Processor
GP522 ETC1-GP522 Datasheet
77Kb / 8P
   GP522 Controller Chip
More results

Description similaire - GP521

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GA3220 GENNUM-GA3220 Datasheet
168Kb / 2P
   Programmable Signal Processing Platform for Hearing Instruments
logo
ON Semiconductor
HPM10 ONSEMI-HPM10_16 Datasheet
141Kb / 18P
   Power Management IC for Hearing Aids
September, 2016 ??Rev. 4
R3920 ONSEMI-R3920_16 Datasheet
127Kb / 13P
   Preconfigured DSP System for Hearing Aids
September, 2016 ??Rev. 5
EZAIRO-8310 ONSEMI-EZAIRO-8310 Datasheet
236Kb / 17P
   Audio Processor for Digital Hearing Aids
December, 2023 - Rev. 0
logo
Holtek Semiconductor In...
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612 Datasheet
276Kb / 18P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
   General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
   General Purpose PIR Controller
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
   General Purpose PIR Controller
logo
List of Unclassifed Man...
GPC150 ETC-GPC150 Datasheet
1Mb / 103P
   General Purpose Controller Z84C15
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com