Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10110L Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC10110L
Description  Dual 3-Input/3-Output OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10110L Fiches technique(HTML) 2 Page - ON Semiconductor

  MC10110L Datasheet HTML 1Page - ON Semiconductor MC10110L Datasheet HTML 2Page - ON Semiconductor MC10110L Datasheet HTML 3Page - ON Semiconductor MC10110L Datasheet HTML 4Page - ON Semiconductor MC10110L Datasheet HTML 5Page - ON Semiconductor MC10110L Datasheet HTML 6Page - ON Semiconductor MC10110L Datasheet HTML 7Page - ON Semiconductor MC10110L Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10110
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
42
30
38
42
mAdc
Input Current
IinH
5, 6, 7
680
425
425
µAdc
IinL
5, 6, 7
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
2
3
4
–1.060
–1.060
–1.060
–0.890
–0.890
–0.890
–0.960
–0.960
–0.960
–0.810
–0.810
–0.810
–0.890
–0.890
–0.890
–0.700
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
2
3
4
–1.890
–1.890
–1.890
–1.675
–1.675
–1.675
–1.850
–1.850
–1.850
–1.650
–1.650
–1.650
–1.825
–1.825
–1.825
–1.615
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
3
4
–1.080
–1.080
–1.080
–0.980
–0.980
–0.980
–0.910
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
2
3
4
–1.655
–1.655
–1.655
–1.630
–1.630
–1.630
–1.595
–1.595
–1.595
Vdc
Switching Times (50
Ω Load)
ns
Propagation Delay
t5+2+
t5–2–
t5+3+
t5–3–
t5+4+
t5–4–
2
2
3
3
4
4
1.4
1.4
1.4
1.4
1.4
1.4
3.5
3.5
3.5
3.5
3.5
3.5
1.4
1.4
1.4
1.4
1.4
1.4
2.4
2.4
2.4
2.4
2.4
2.4
3.5
3.5
3.5
3.5
3.5
3.5
1.5
1.5
1.5
1.5
1.5
1.5
3.8
3.8
3.8
3.8
3.8
3.8
Rise Time
(20 to 80%)
t2+
t3+
t4+
2
3
4
1.0
1.0
1.0
3.5
3.5
3.5
1.1
1.1
1.1
2.2
2.2
2.2
3.5
3.5
3.5
1.2
1.2
1.2
3.8
3.8
3.8
Fall Time
(20 to 80%)
t2–
t3–
t4–
2
3
4
1.0
1.0
1.0
3.5
3.5
3.5
1.1
1.1
1.1
2.2
2.2
2.2
3.5
3.5
3.5
1.2
1.2
1.2
3.8
3.8
3.8


Numéro de pièce similaire - MC10110L

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC10110L MOTOROLA-MC10110L Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
More results

Description similaire - MC10110L

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC10210 MOTOROLA-MC10210 Datasheet
71Kb / 5P
   Dual 3-Input/3-Output OR Gate
logo
ON Semiconductor
MC10H210 ONSEMI-MC10H210 Datasheet
93Kb / 3P
   Dual 3-Input 3-Output OR Gate
1996 REV 5
logo
Motorola, Inc
MC10110 MOTOROLA-MC10110 Datasheet
56Kb / 4P
   Dual 3-Input/3-Output OR Gate
MC10212 MOTOROLA-MC10212 Datasheet
74Kb / 5P
   High Speed Dual 3-Input/3-Output OR/NOR Gate
logo
ON Semiconductor
MC10H211 ONSEMI-MC10H211 Datasheet
95Kb / 3P
   Dual 3-Input 3-Output NOR Gate
1996 REV 5
logo
Motorola, Inc
MC10211 MOTOROLA-MC10211 Datasheet
106Kb / 5P
   Dual 3-Input/3-Output NOR Gate
logo
ON Semiconductor
NLX1G332 ONSEMI-NLX1G332_16 Datasheet
77Kb / 7P
   3-Input OR Gate
June, 2016 ??Rev. 5
NLX1G332 ONSEMI-NLX1G332 Datasheet
141Kb / 8P
   3-Input OR Gate
September, 2009 ??Rev. 0
logo
Nexperia B.V. All right...
74LVC1G332-Q100 NEXPERIA-74LVC1G332-Q100 Datasheet
198Kb / 11P
   3-input OR gate
logo
Hitachi Semiconductor
HD14075B HITACHI-HD14075B Datasheet
51Kb / 4P
   Triple 3-input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com