Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP105YZCT Fiches technique(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No de pièce TMP105YZCT
Description  Digital Temperature Sensor with Two-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TMP105YZCT Fiches technique(HTML) 10 Page - Burr-Brown (TI)

Back Button TMP105YZCT Datasheet HTML 6Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 7Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 8Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 9Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 10Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 11Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 12Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 13Page - Burr-Brown (TI) TMP105YZCT Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TMP105
SLLS648B − FEBRUARY 2005 − REVISED JANUARY 2006
www.ti.com
10
TIMING DIAGRAMS
The TMP105 is Two-Wire and SMBus-compatible.
Figure 4 to Figure 7 describe the various operations on the
TMP105. Bus definitions are given below. Parameters for
Figure 4 are defined in Table 12.
Bus Idle: Both SDA and SCL lines remain HIGH.
Start Data Transfer: A change in the state of the SDA line,
from HIGH to LOW, while the SCL line is HIGH, defines a
START condition. Each data transfer is initiated with a
START condition.
Stop Data Transfer: A change in the state of the SDA line
from LOW to HIGH while the SCL line is HIGH defines a
STOP condition. Each data transfer is terminated with a
repeated START or STOP condition.
Data Transfer: The number of data bytes transferred
between a START and a STOP condition is not limited and
is determined by the master device. The receiver
acknowledges the transfer of data.
Acknowledge: Each receiving device, when addressed,
is obliged to generate an Acknowledge bit. A device that
acknowledges must pull down the SDA line during the
Acknowledge clock pulse in such a way that the SDA line
is stable LOW during the HIGH period of the Acknowledge
clock pulse. Setup and hold times must be taken into
account. On a master receive, the termination of the data
transfer can be signaled by the master generating a
Not-Acknowledge on the last byte that has been
transmitted by the slave.
PARAMETER
FAST MODE
UNITS
PARAMETER
MIN
MAX
UNITS
SCL Operating Frequency
f(SCL)
1
400
kHz
Bus Free Time Between STOP and START Condition
t(BUF)
600
ns
Hold time after repeated START condition.
After this period, the first clock is generated.
t(HDSTA)
100
ns
Repeated START Condition Setup Time
t(SUSTA)
100
ns
STOP Condition Setup Time
t(SUSTO)
100
ns
Data Hold Time
t(HDDAT)
0
ns
Data Setup Time
t(SUDAT)
100
ns
SCL Clock LOW Period
t(LOW)
1300
ns
SCL Clock HIGH Period
t(HIGH)
600
ns
Clock/Data Fall Time
tF
300
ns
Clock/Data Rise Time
for SCLK
≤ 100kHz
tR
300
1000
ns
ns
Table 12. Timing Diagram Definitions for the TMP105
TWO-WIRE TIMING DIAGRAMS
SCL
SDA
t
(LOW)
t
R
t
F
t
(HDSTA)
t
(HDSTA)
t
(HDDAT)
t
(BU F )
t
(SUDAT)
t
(HIGH)
t
(SUSTA)
t
(SUSTO)
PS
SP
Figure 4. Two-Wire Timing Diagram


Numéro de pièce similaire - TMP105YZCT

FabricantNo de pièceFiches techniqueDescription
logo
Tumbler Technologies + ...
TMP105 TRUMPOWER-TMP105 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-12 TRUMPOWER-TMP105-12 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-13 TRUMPOWER-TMP105-13 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-15 TRUMPOWER-TMP105-15 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
TMP105-18 TRUMPOWER-TMP105-18 Datasheet
161Kb / 2P
   90-105 Watts Medical & ITE Power Adapters
More results

Description similaire - TMP105YZCT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TMP175 TI-TMP175 Datasheet
295Kb / 13P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP75AIDGKRG4 TI1-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP175 TI1-TMP175_12 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
ATMEL Corporation
AT30TS00 ATMEL-AT30TS00 Datasheet
369Kb / 28P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
TMP75AIDGKRG4 TI-TMP75AIDGKRG4 Datasheet
640Kb / 20P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
TMP105 TI-TMP105_15 Datasheet
849Kb / 22P
[Old version datasheet]   Digital Temperature Sensor with Two-Wire Interface
logo
Burr-Brown (TI)
TMP106 BURR-BROWN-TMP106 Datasheet
265Kb / 16P
   Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM84 TI-LM84_15 Datasheet
169Kb / 18P
[Old version datasheet]   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
OKI electronic componet...
LM91 OKI-LM91 Datasheet
193Kb / 14P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM84 NSC-LM84 Datasheet
168Kb / 16P
   Diode Input Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com