Moteur de recherche de fiches techniques de composants électroniques |
|
LM385BD-1.2R2G Fiches technique(PDF) 7 Page - ON Semiconductor |
|
LM385BD-1.2R2G Fiches technique(HTML) 7 Page - ON Semiconductor |
7 / 8 page LM285, LM385B http://onsemi.com 7 PACKAGE DIMENSIONS TO−92 (TO−226) Z SUFFIX CASE 29−11 ISSUE AL NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. R A P J L B K G H SECTION X−X C V D N N XX SEATING PLANE DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.175 0.205 4.45 5.20 B 0.170 0.210 4.32 5.33 C 0.125 0.165 3.18 4.19 D 0.016 0.021 0.407 0.533 G 0.045 0.055 1.15 1.39 H 0.095 0.105 2.42 2.66 J 0.015 0.020 0.39 0.50 K 0.500 −−− 12.70 −−− L 0.250 −−− 6.35 −−− N 0.080 0.105 2.04 2.66 P −−− 0.100 −−− 2.54 R 0.115 −−− 2.93 −−− V 0.135 −−− 3.43 −−− 1 |
Numéro de pièce similaire - LM385BD-1.2R2G |
|
Description similaire - LM385BD-1.2R2G |