Moteur de recherche de fiches techniques de composants électroniques |
|
LM336AH-2.5 Fiches technique(PDF) 3 Page - Linear Technology |
|
LM336AH-2.5 Fiches technique(HTML) 3 Page - Linear Technology |
3 / 4 page 3 LM136-2.5/LM336-2.5 TYPICAL PERFOR A CE CHARACTERISTICS Reverse Characteristics Forward Characteristics Temperature Drift Dynamic Impedance Zener Noise Voltage Response Time SCHE ATIC DIAGRA 136/336 SD 30pF 20pF Q2 Q1 Q3 Q5 Q4 Q6 Q12 Q14 Q13 10k 30k 2k 1.1k 6.6k 500 Ω 6.6k 24k 24k 50k Q18 Q15 Q11 Q10 Q8 Q7 Q16 Q17 Q9 ADJ + – REVERSE VOLTAGE (V) 0.6 2.2 136/336 • G01 1.0 1.4 1.8 2.6 10–1 10–2 10–3 10–4 10–5 Tj = 125°C Tj = –55°C Tj = 25°C FORWARD CURRENT (mA) 0.001 1.2 1.0 0.8 0.6 0.4 0.2 0 0.01 0.1 1 10 136/336 G02 Tj = 25°C TEMPERATURE ( °C) –55 2.59 2.57 2.55 2.53 2.51 2.49 2.47 2.45 2.43 2.41 2.39 2.37 85 105 136/336 G03 –35 25 5 –15 45 65 125 IR = 1mA FREQUENCY (Hz) 10 100 1k 10k 100k 100 10 1 0.1 136/336 G04 IR = 1mA –55 °C ≤ Tj ≤ 125°C FREQUENCY (Hz) 10 10k 100k 136/336 G05 100 1k 250 200 150 100 50 IR = 1mA Tj = 25°C TIME ( µs) 0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 12 8 4 0 120 136/336 G06 OUTPUT INPUT 5.1k OUTPUT INPUT Information furnished by Linear Technology Corporation is believed to be accurate and reliable. However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen- tation that the interconnection of its circuits as described herein will not infringe on existing patent rights. |
Numéro de pièce similaire - LM336AH-2.5 |
|
Description similaire - LM336AH-2.5 |