Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC431RDB Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce AMC431RDB
Description  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AMC431RDB Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  AMC431RDB Datasheet HTML 1Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC431RDB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AMC DOC. #: AMC431_C
AMC431
November
2002
PRECISION ADJUSTABLE SHUNT
VOLTAGE REGULATORS
Copyright
 2002, ADD Microtech Corp.
5
www.addmtek.com
CHARACTERIZATION CURVES
150
800
125
100
600
75
50
400
25
0
200
-25
-50
0
-75
-100
-200
2600
5
2580
2560
4
2540
2520
3
2500
2480
2
2460
2440
1
2420
2400
0
TA – Free-Air Temperature -
°°°°C
TA – Free-Air Temperature -
°°°°C
R1 = 10 k
R2 =
IKA = 10mA
-75
-50
-25
0
25
50
75
100
125
-75
-50
-25
0
25
50
75
100
125
REFERENCE INPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
REFERENCE INPUT CURRENT
vs
FREE-AIR TEMPERATURE
CATHODE CURRENT
vs
CATHODE VOLTAGE
CATHODE CURRENT
vs
CATHODE VOLTAGE
-1
0
1
2
3
VKA = VREF
TA = 25
°°°°C
-2
-1
0
1
2
3
VKA = VREF
TA = 25
°°°°C
VKA – Cathode Voltage (V)
VKA – Cathode Voltage (V)
Imin
IKA = 100mA
IKA = 10mA
VKA = VREF


Numéro de pièce similaire - AMC431RDB

FabricantNo de pièceFiches techniqueDescription
logo
ADDtek Corp
AMC431RDB ADDTEK-AMC431RDB Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
AMC431RDBF ADDTEK-AMC431RDBF Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
More results

Description similaire - AMC431RDB

FabricantNo de pièceFiches techniqueDescription
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.3
logo
Calogic, LLC
CL2431 CALOGIC-CL2431 Datasheet
64Kb / 6P
   Precision Adjustable Shunt Reference
CL431 CALOGIC-CL431 Datasheet
65Kb / 6P
   Precision Adjustable Shunt Reference
CL1431 CALOGIC-CL1431 Datasheet
78Kb / 6P
   Precision Adjustable Shunt Reference
logo
List of Unclassifed Man...
AS2431 ETC1-AS2431 Datasheet
40Kb / 7P
   Precision Adjustable Shunt Reference
AS1431 ETC-AS1431 Datasheet
81Kb / 8P
   Precision Adjustable Shunt Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com