Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM39501R-1.8 Fiches technique(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

No de pièce LM39501R-1.8
Description  5A Low-Voltage Low-Dropout Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HTC [HTC Korea TAEJIN Technology Co.]
Site Internet  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM39501R-1.8 Fiches technique(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM39501R-1.8 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39501R-1.8 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39501R-1.8 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39501R-1.8 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39501R-1.8 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39501R-1.8 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5A Low-Voltage Low-Dropout Regulator
LM39500/39501/39502
Note 1. Exceeding the absolute maximum ratings may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended.
Note 4. PD(max) = (TJ(max) – TA)
θJA, where θJA depends upon the printed circuit layout. See “Applications Information.”
Note 5.Vout temperature coefficient is ∆VOUT(worst case) (TJ(max) – TJ(min)) where TJ(max) is +125℃ and TJ(min) is 0℃
Note 6. VDO = VIN – VOUT when VOUT decreases to 98% of its nominal output voltage with V IN = VOUT + 1V.
Note 7. IGND is the quiescent current. IIN = I GND + IOUT.
Note 8. VEN 0.8V, VIN 8V, and VOUT = 0V
Note 9. For a 2.5V device, V IN = 2.250V (device is in dropout).
HTC
4


Numéro de pièce similaire - LM39501R-1.8

FabricantNo de pièceFiches techniqueDescription
logo
HTC Korea TAEJIN Techno...
LM39501R HTC-LM39501R Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
More results

Description similaire - LM39501R-1.8

FabricantNo de pièceFiches techniqueDescription
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com