Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LDB311G9010C-440 Fiches technique(PDF) 1 Page - Murata Manufacturing Co., Ltd.

No de pièce LDB311G9010C-440
Description  Chip Multilayer Hybrid Baluns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA [Murata Manufacturing Co., Ltd.]
Site Internet  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LDB311G9010C-440 Fiches technique(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LDB311G9010C-440 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LDB311G9010C-440 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microwave Components
8
300
Chip Multilayer Hybrid Baluns
Chip Multilayer Hybrid Baluns
LDB18 Series
∗Terminal of "NC" should be fixed to the no connected pattern.
(in mm)
Directional
Input Mark
All the technical data and Information contained herein are
subject to change without prior notice.
1.6
±0.1
(1)
(2)
(3)
(6)
(5)
(4)
0.6
±0.1
0.20
+0.10
-0.15
0.2
±0.1
0.3
±0.1
0.50
±0.05
(1)
:
Unbalance port
(2)(5) :
NC
(3)
:
GND
(4)(6) :
Balance port
LDB21 Series
2.00
±0.1
0.35
±0.1
0.65
±0.05
0.20
±0.1
0.95
±0.1
0.30
±0.1
Unbalance Port
GND
NC
* All the technical data and information contained herein are
subject to change without prior notice.
* Terminal of "NC" should be connected to the floating land.
Balance Port
0.30+0.1/-0.2
(3)
(2)
(1)
(4)
(5)
(6)
in mm
(1) :
(2)(5) :
(3)(4) :
(6) :
LDB31 Series
3.2
±0.2
1.2
±0.1
0.55
±0.15
0.45
±0.15
1.0
±0.1
(3)
(2)
(1)
(6)
(5)
(4)
(1) : GND
(2) : Unbalance Port
(3) : GND
: Balance Port
: NC
: Balance Port
(4)
(5)
(6)
0.35
±0.15
* Terminal of "NC" should be connected to the floating land.
(in mm)
Part Number
Frequency Range
(MHz)
Insertion Loss I)
(dB)
Insertion Loss II)
(dB)
Unbalance Impedance
(ohm)
Balance Impedance (Differential)
(ohm)
LDB181G8405C-110 1842.5
±37.5MHz 1.2 max. (at 25°C)
1.3 max. (-40~+85
°C)
50 (Nominal)
50 (Nominal)
LDB181G8420C-110 1842.5
±37.5MHz 1.3 max. (at 25°C)
1.4 max. (-40~+85
°C)
50 (Nominal)
200 (Nominal)
LDB181G8820C-110 1880.0
±30.0MHz 1.3 max. (at 25°C)
1.4 max. (-40~+85
°C)
50 (Nominal)
200 (Nominal)
LDB181G9505C-110 1955.0
±35.0MHz 1.2 max. (at 25°C)
1.3 max. (-40~+85
°C)
50 (Nominal)
50 (Nominal)
LDB181G9510C-110 1955.0
±35.0MHz 1.2 max. (at 25°C)
1.3 max. (-40~+85
°C)
50 (Nominal)
100 (Nominal)
LDB182G4505C-110 2450.0
±50.0MHz 1.0 max. (at 25°C)
1.1 max. (-40~+85
°C)
50 (Nominal)
50 (Nominal)
LDB182G4510C-110 2450.0
±50.0MHz 1.0 max. (at 25°C)
1.1 max. (-40~+85
°C)
50 (Nominal)
100 (Nominal)
LDB182G4520C-110 2450.0
±50.0MHz 1.3 max. (at 25°C)
1.4 max. (-40~+85
°C)
50 (Nominal)
200 (Nominal)
LDB183G7010C-110 3700.0
±300.0MHz 1.4 max. (at 25°C)
1.5 max. (-40~+85
°C)
50 (Nominal)
100 (Nominal)
LDB184G5010C-110 4500.0
±300.0MHz 1.1 max. (at 25°C)
1.2 max. (-40~+85
°C)
50 (Nominal)
100 (Nominal)
LDB211G6005C-001
1600
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB211G6010C-001
1600
±100MHz
0.9 max. (at 25
°C)
1.0 max. (-25~+85
°C)
50 (Nominal)
100 (Nominal)
LDB211G6020C-001
1600
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB211G8005C-001
1800
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB211G8010C-001
1800
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
100 (Nominal)
LDB211G8020C-001
1800
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB211G9005C-001
1900
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB211G9010C-001
1900
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
100 (Nominal)
LDB211G9020C-001
1900
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB212G4005C-001
2400
±100MHz
0.8 max. (at 25
°C)
0.9 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB212G4010C-001
2400
±100MHz
0.9 max. (at 25
°C)
1.0 max. (-25~+85
°C)
50 (Nominal)
100 (Nominal)
LDB212G4020C-001
2400
±100MHz
1.0 max. (at 25
°C)
1.1 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB21836M20C-001
836.5
±12.5MHz
1.0 max. (at 25
°C)
1.1 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB21881M05C-001
881.5
±12.5MHz
1.4 max. (at 25
°C)
1.5 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB21881M20C-001
881.5
±12.5MHz
1.4 max. (at 25
°C)
1.5 max. (-25~+85
°C)
50 (Nominal)
200 (Nominal)
LDB21897M05C-001
897.5
±17.5MHz
1.4 max. (at 25
°C)
1.5 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
LDB21906M05C-001
906.0
±19.0MHz
1.4 max. (at 25
°C)
1.5 max. (-25~+85
°C)
50 (Nominal)
50 (Nominal)
!Note • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications
before ordering. Especially, please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in them to prevent smoking and/or burning, etc.
• You are able to read a detailed specifications in the website (http://search.murata.co.jp/) before to require our product specifications or to transact the approval sheet for product specifications.
Continued on the following page.
03.02.28


Numéro de pièce similaire - LDB311G9010C-440

FabricantNo de pièceFiches techniqueDescription
logo
Mean Well Enterprises C...
LDB-350LW MEANWELL-LDB-350LW Datasheet
86Kb / 3P
   DC-DC Constant Current Buck-Boost LED driver
LDB-L MEANWELL-LDB-L Datasheet
86Kb / 3P
   DC-DC Constant Current Buck-Boost LED driver
logo
DONG IL TECHNOLOGY LTD.
LDB07097 DIT-LDB07097 Datasheet
865Kb / 2P
   CHOKE COIL
LDB10097 DIT-LDB10097 Datasheet
865Kb / 2P
   CHOKE COIL
logo
Schneider Electric
LDB101 SCHNEIDER-LDB101 Datasheet
57Kb / 2P
   WIREWAY 10 x 10 - N1 Paint - 1 ft lg
More results

Description similaire - LDB311G9010C-440

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
LDB211G8110C-001 MURATA-LDB211G8110C-001 Datasheet
35Kb / 2P
   Chip Multilayer Hybrid Baluns
logo
NIC-Components Corp.
NGB_C NIC-NGB_C Datasheet
278Kb / 3P
   Multilayer Chip Baluns
logo
List of Unclassifed Man...
BL1608 ETC-BL1608 Datasheet
92Kb / 3P
   Multilayer Chip Baluns
logo
NIC-Components Corp.
NGB-C NIC-NGB-C Datasheet
367Kb / 3P
   Multilayer Chip Baluns
logo
TDK Electronics
HHM1583B1 TDK-HHM1583B1 Datasheet
54Kb / 2P
   Multilayer Chip Baluns For UWB
HHM1522A7 TDK-HHM1522A7 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
HHM1523B3 TDK-HHM1523B3 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For AGSM/Tx & Rx
ATB3225-75011CT TDK-ATB3225-75011CT Datasheet
115Kb / 7P
   Wound Chip Baluns
HHM1518A3 TDK-HHM1518A3 Datasheet
51Kb / 2P
   Multilayer Chip Baluns For DCS-PCS/Tx & Rx
HHM1526 TDK-HHM1526 Datasheet
61Kb / 2P
   Multilayer Chip Baluns For DCS-PCS/Tx & Rx
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com