Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1378FN Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce MC1378FN
Description  COLOR TELEVISION COMPOSITE VIDEO OVERLAY SYNCHRONIZER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC1378FN Fiches technique(HTML) 2 Page - Motorola, Inc

  MC1378FN Datasheet HTML 1Page - Motorola, Inc MC1378FN Datasheet HTML 2Page - Motorola, Inc MC1378FN Datasheet HTML 3Page - Motorola, Inc MC1378FN Datasheet HTML 4Page - Motorola, Inc MC1378FN Datasheet HTML 5Page - Motorola, Inc MC1378FN Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC1378
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage
VCC
6.0
Vdc
Operating Temperature
TA
0 to +70
°C
Storage Temperature
Tstg
–65 to +150
°C
Junction Temperature
TJ(max)
150
°C
Power Dissipation, Package
Derate above 25
°C
PD
1.25
10
W
mW/
°C
RECOMMENDED OPERATING CONDITIONS
Condition
Pin
Value
Unit
Supply Voltage
28, 36
5.4
± 0.25
Vdc
RGB Input for 100% Saturation
14, 15, 16
1.0
Vpp
Color Oscillator Input Level
8
0.5
Vpp
Video Input, Positive
24
1.0
Vpp
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TA = 25°C, circuit of Figure 4 or 5)
Characteristics
Pin
Min
Typ
Max
Unit
Supply Current
28, 36
100
mAdc
Video Output, Open Circuit, Positive
27
2.0
9.4
Vpp
Modulation Angle (R – Y) to (B – Y)
87
90
93
Degrees
RGB Input Impedance
14, 15, 16
10
k
Local/Remote Switch (TTL)
High
Low
1
Remote
Local
Horizontal Sync Input, Negative Going
(TTL)
40
4.3
Vpp
Vertical Sync Output, Negative Going,
Remote Mode
(TTL)
38
4.3
Vpp
Composite Sync Output, Negative Going
(TTL)
39
4.3
Vpp
Burst Gate Output, Positive Going
(TTL)
5
4.3
Vpp
Description of Operation – Refer to Figures 3, 4
Remote Mode
Local Mode
The incoming remote video signal (Pin 24) supplies all
synchronizing information. A discussion of the function of the
phase detectors helps to clarify the lockup method:
The MC1378 and a video system combine to provide a fully
synchronized standard signal source. In this case, composite sync
must be supplied by the video system or other time base system.
In the MC1378 the phase detectors operate as follows:
PD1
 locks the internally counted–down 4 MHz horizontal VCO
to the incoming horizontal sync. It is fast acting, to follow
VCR source fluctuations.
PD1
 locks the internally counted–down 4 MHz horizontal VCO
to a Horizontal Sync signal (at Pin 40) from the video
system (counted down from 36 MHz)
PD2
 locks the 36 MHz clock VCO, which is divided down by
the video system, to the divided down horizontal VCO.
PD2
 not used in LOCAL MODE.
PD3
 not used in LOCAL MODE.
PD3
 is a gated phase detector which locks the 14 MHz crystal
oscillator, divided by 4, to the incoming color burst.
PD4
 active, but providing an arbitrary phase shift setting
between the color oscillator and the output burst phase.
PD4
 controls an internal phase shifter to assure that the
outgoing color burst is the same phase as incoming burst
at PD3.
PD5
 not used in REMOTE MODE
PD5
 locks the 36 MHz clock VCO (which is divided down by
the video system) to the 14 MHz (crystal) color oscillator.
The 14 MHz is, therefore, the system standard in LOCAL
MODE, and is not DC controlled.
Vertical lock is obtained by continuously resetting the sync
generator in the video system with separated vertical sync from the
MC1378, Pin 38. This signal is TTL level vertical block sync,
negative going. The horizontal sync from the video system to Pin 40
is also TTL level with sync negative going. The local/remote switch,
Pin 1, is in local mode when grounded, remote mode when taken
to 5.0 V. The overlay control, Pin 25, has an analog characteristic,
centered about 1.0 V, which allows fading from local to remote.
COMPOSITE VIDEO GENERATION
The color encoding at the RGB signals is done exactly as in
the MC1377. Composite chroma is looped out at Pins 18 and 20
to allow the designer to choose band shaping. Luminance is
similarly brought out (Pins 17 and 22) to permit installation of
the appropriate delay.
Composite sync output, Pin 39, and burst gate output, Pin 5,
are provided for convenience only.


Numéro de pièce similaire - MC1378FN

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC13783 FREESCALE-MC13783 Datasheet
610Kb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783 FREESCALE-MC13783 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783VK FREESCALE-MC13783VK Datasheet
3Mb / 50P
   Power Management and Audio Circuit
MC13783VKR2 FREESCALE-MC13783VKR2 Datasheet
3Mb / 50P
   Power Management and Audio Circuit
More results

Description similaire - MC1378FN

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
32HFX71 TOSHIBA-32HFX71 Datasheet
2Mb / 54P
   COLOR TELEVISION
Jul. 2001
29CZ8URB TOSHIBA-29CZ8URB Datasheet
4Mb / 70P
   Color Television
2005
34HF84 TOSHIBA-34HF84 Datasheet
1Mb / 35P
   Color Television
2004
36HF72 TOSHIBA-36HF72 Datasheet
2Mb / 44P
   COLOR TELEVISION
Jun. 2002
TA7698AP TOSHIBA-TA7698AP Datasheet
1Mb / 36P
   VIDEO-CHROMA-DEFLECTION SYSTEM FOR A COLOR TELEVISION
27WL55A TOSHIBA-27WL55A Datasheet
8Mb / 90P
   LCD Color Television
2005
TA8718N TOSHIBA-TA8718N Datasheet
446Kb / 43P
   VIDEO-CHROMA-DEFLECTION SYSTEM FOR A COLOR TELEVISION (PAL).
1990-10-24
logo
List of Unclassifed Man...
BF200B ETC1-BF200B Datasheet
377Kb / 3P
   TELEVISION/VIDEO DEVICES
logo
Toshiba Semiconductor
23HLV85 TOSHIBA-23HLV85 Datasheet
4Mb / 31P
   LCD Color Television
2005
32WLT58 TOSHIBA-32WLT58 Datasheet
5Mb / 43P
   LCD Color Television
2005
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com