Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5539SQ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD5539SQ
Description  Ultrahigh Frequency Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5539SQ Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD5539SQ Datasheet HTML 5Page - Analog Devices AD5539SQ Datasheet HTML 6Page - Analog Devices AD5539SQ Datasheet HTML 7Page - Analog Devices AD5539SQ Datasheet HTML 8Page - Analog Devices AD5539SQ Datasheet HTML 9Page - Analog Devices AD5539SQ Datasheet HTML 10Page - Analog Devices AD5539SQ Datasheet HTML 11Page - Analog Devices AD5539SQ Datasheet HTML 12Page - Analog Devices AD5539SQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD5539
–9–
REV. B
Figures 21 and 22 show the small and large signal pulse re-
sponses of the general purpose inverter circuit of Figure 17, with
CLEAD = 1.5 pF, RLAG = 330
Ω and C
LAG = 3.5 pF.
Figure 21. Small Signal Pulse Response of the (Figure 17)
Inverter Circuit; Vertical Scale: 50 mV/div; Horizontal
Scale: 5 ns/div
Figure 22. Large Signal Response of the (Figure 17)
Inverter Circuit; Vertical Scale: 200 mV/div, Horizontal
Scale: 5 ns/div
A CLEAD capacitor may be used to limit the circuit bandwidth
and to achieve a single pole response free of overshoot
–3 dB frequency
=
1
2
π R2 C
LEAD


If this option is selected, it is recommended that a CLEAD be
connected between Pin 12 and the summing junction, as shown
in Figure 23. Pin 12 provides a separately buffered version of
the output signal. Connecting the lead capacitor here avoids the
excess output-stage phase shift and subsequent oscillation prob-
lems (at approx. 350 MHz) which would otherwise occur when
using the circuit of Figure 17 with a CLEAD of more than about
2 pF.
Figure 24 shows the response of the circuit of Figure 23 for each
connection of CLEAD. Lag components may also be added to this
circuit to further tailor its response, but, in this case, the results
will be slightly less satisfactory than connecting CLEAD directly
to the output, as was done in Figure 17.
Figure 23. A Gain of 2 Inverter Circuit with the CLEAD
Capacitor Connected to Pin 12
Figure 24. Response of the Circuit of Figure 23 with
CLEAD = 10 pF
A General Purpose Voltage Follower Circuit
Noninverting (voltage follower) circuits pose an additional com-
plication, in that when a lag network is used, the source imped-
ance will affect the noise gain. In addition, the slightly greater
bandwidth of the noninverting configuration makes any excess
phase shift due to the output stage more of a problem.
For example, a gain of 3 noninverting circuit with CLEAD con-
nected normally (across the feedback resistor – Figure 25) will
require a source resistance of 200
Ω or greater to prevent UHF
oscillation; the extra source resistance provides some damping
as well as increasing the noise gain. The frequency response plot
of Figure 26 shows that the highest –3 dB frequency of all the
applications circuits can be achieved using this connection, un-
fortunately, at the expense of a noise gain of 14.2.


Numéro de pièce similaire - AD5539SQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
More results

Description similaire - AD5539SQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
   Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
   Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
   Ultrahigh Speed Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
   High frequency operational amplifier
2002 Jan 25
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
   Frequency-Compensated Operational Amplifier
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
230Kb / 14P
   High frequency operational amplifier
2002 Jan 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com