Moteur de recherche de fiches techniques de composants électroniques |
|
GS816036CGT-333I Fiches technique(PDF) 10 Page - GSI Technology |
|
GS816036CGT-333I Fiches technique(HTML) 10 Page - GSI Technology |
10 / 22 page GS816018/36CT-333/300/250 Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.00 9/2004 10/22 © 2004, GSI Technology Simplified State Diagram with G First Write First Read Burst Write Burst Read Deselect R W CR CW X X WR R W R X X X CR R CW CR CR W CW W CW Notes: 1. The diagram shows supported (tested) synchronous state transitions plus supported transitions that depend upon the use of G. 2. Use of “Dummy Reads” (Read Cycles with G High) may be used to make the transition from Read cycles to Write cycles without passing through a Deselect cycle. Dummy Read cycles increment the address counter just like normal read cycles. 3. Transitions shown in gray tone assume G has been pulsed high long enough to turn the RAM’s drivers off and for incoming data to meet Data Input Set Up Time. |
Numéro de pièce similaire - GS816036CGT-333I |
|
Description similaire - GS816036CGT-333I |