Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC703KH-BI Fiches technique(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC703KH-BI
Description  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC703KH-BI Fiches technique(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC703KH-BI Datasheet HTML 4Page - Burr-Brown (TI) DAC703KH-BI Datasheet HTML 5Page - Burr-Brown (TI) DAC703KH-BI Datasheet HTML 6Page - Burr-Brown (TI) DAC703KH-BI Datasheet HTML 7Page - Burr-Brown (TI) DAC703KH-BI Datasheet HTML 8Page - Burr-Brown (TI) DAC703KH-BI Datasheet HTML 9Page - Burr-Brown (TI) DAC703KH-BI Datasheet HTML 10Page - Burr-Brown (TI) DAC703KH-BI Datasheet HTML 11Page - Burr-Brown (TI) DAC703KH-BI Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
®
DAC701, 702, 703
In many applications it is impractical to sense the output
voltage at the output pin. Sensing the output voltage at the
system ground point is permissible with the DAC700 family
because the D/A converter is designed to have a constant
return current of approximately 2mA flowing from Com-
mon. The variation in this current is under 20
µA (with
changing input codes), therefore R4 can be as large as 3Ω
without adversely affecting the linearity of the D/A con-
verter. The voltage drop across R4 (R4 x 2mA) appears as a
zero error and can be removed with the zero calibration
adjustment. This alternate sensing point (the system ground
point) is shown in Figures 6, 7, and 8.
Figures 7 and 8 show two methods of connecting the current
output models (DAC702) with external precision output op
amps. By sensing the output voltage at the load resistor (ie,
by connecting RF to the output of A1 at RL), the effect of R1
and R2 is greatly reduced. R1 will cause a gain error but is
independent of the value of RL and can be eliminated by
initial calibration adjustments. The effect of R2 is negligible
because it is inside the feedback loop of the output op amp
and is therefore greatly reduced by the loop gain.
Zero Adjustment
For unipolar (CSB) configurations, apply the digital input
code that produces zero voltage or zero current output and
adjust the zero potentiometer for zero output.
For bipolar (COB, CTC) configurations, apply the digital
input code that produces zero output voltage or current. See
Table II for corresponding codes and the Connection Dia-
gram for zero adjustment circuit connections. Zero calibra-
tion should be made before gain calibration.
Gain Adjustment
Apply the digital input that gives the maximum positive
output voltage. Adjust the gain potentiometer for this posi-
tive full scale voltage. See Table II for positive full scale
voltages and the Connection Diagram for gain adjustment
circuit connections.
INSTALLATION
CONSIDERATIONS
This D/A converter family is laser-trimmed to 14-bit linear-
ity. The design of the device makes the 16-bit resolution
available. If 16-bit resolution is not required, bit 15 and bit
16 should be connected to VDD through a single 1kΩ
resistor.
Due to the extremely high resolution and linearity of the
D/A converter, system design problems such as grounding
and contact resistance become very important. For a 16-bit
converter with a 10V full-scale range, 1LSB is 153
µV. With
a load current of 5mA, series wiring and connector resis-
tance of only 30m
Ω will cause the output to be in error by
1LSB. To understand what this means in terms of a system
layout, the resistance of #23 wire is about 0.021
Ω/ft. Ne-
glecting contact resistance, less than 18 inches of wire will
produce a 1LSB error in the analog output voltage!
In Figures 6, 7, and 8, lead and contact resistances are
represented by R1 through R5. As long as the load resistance
R
L is constant, R2 simply introduces a gain error and can be
removed during initial calibration. R3 is part of RL, if the
output voltage is sensed at Common, and therefore intro-
duces no error. If RL is variable, then R2 should be less than
R
L MIN/2
16 to reduce voltage drops due to wiring to less than
1LSB. For example, if RL MIN is 5kΩ, then R2 should be less
than 0.08
Ω. R
L should be located as close as possible to the
D/A converter for optimum performance. The effect of R4 is
negligible.
FIGURE 6. Output Circuit for Voltage Models.
A
1
R
DAC
4k
DAC701
5k
R
B
Common
V
OUT
R
2
*
R
L
R
3
Sense Output
+5VDC
Supply
±15VDC
Supply
+V
COM
–V
System Ground
Point
+V
COM
Alternate Ground
Sense Connection
R
4
To +V
CC
To –V
CC
To V
DD
1µF
1µF
1µF
* R = 2k
(DAC701 and DAC703)
B
R
F


Numéro de pièce similaire - DAC703KH-BI

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC703KH TI-DAC703KH Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Description similaire - DAC703KH-BI

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com